Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1154N102B Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1154N102B
Description  150mA Voltage Regulator (Wide Input Voltage Range)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1154N102B Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1154N102B Datasheet HTML 1Page - RICOH electronics devices division R1154N102B Datasheet HTML 2Page - RICOH electronics devices division R1154N102B Datasheet HTML 3Page - RICOH electronics devices division R1154N102B Datasheet HTML 4Page - RICOH electronics devices division R1154N102B Datasheet HTML 5Page - RICOH electronics devices division R1154N102B Datasheet HTML 6Page - RICOH electronics devices division R1154N102B Datasheet HTML 7Page - RICOH electronics devices division R1154N102B Datasheet HTML 8Page - RICOH electronics devices division R1154N102B Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
R1154x SERIES
150mA Voltage Regulator (Wide Input Voltage Range)
NO.EA-100-061107
1
OUTLINE
The R1154x series are CMOS-based voltage regulator (VR) ICs. The R1154xxxxxx has features of high output
voltage accuracy and ultra-low supply current. A peak current limit circuit, a short current limit circuit, and a
thermal shutdown circuit are built in the R1154x series.
The regulator output voltage is fixed in the R1154xxxxB, while adjustable type is the R1154x001C.
Output voltage accuracy is ±2.0%.
Since the packages for these ICs are the SOT-89-5 and SOT-23-5, high density mounting of the ICs on boards
is possible.
FEATURES
• Supply Current ............................................................. Typ. 5.0µA
• Standby Current ........................................................... Typ. 0.1µA
• Output Voltage Accuracy.............................................. ±2.0%
• Wide Output Voltage Range ........................................ 2.5V to 12.0V(xxxB)
adjustable in the range of 2.5V to VIN or 24.0V (001C)
• Input Voltage ................................................................ Max. 24.0V
• Output Current ............................................................. Min. 140mA (VIN=VOUT+2.0V, 2.5V Output type)
Min. 150mA (VIN
=VOUT+2.0V, 3.0V Output type)
• Package ....................................................................... SOT-89-5, SOT-23-5
• Built-in Peak Current Limit Circuit
• Short Current Limit Circuit
• Thermal Shutdown Circuit
APPLICATIONS
• Power source for home appliances such as refrigerators, rice cookers, Electronic water warmers, etc.
• Power source for car audio equipment, car navigation system, and ETC system.
• Power source for notebook PCs, digital TVs, cordless phones, and LAN system.
• Power source for copiers, printers, facsimiles, and scanners.


Similar Part No. - R1154N102B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N100B-TR-FE RICOH-R1154N100B-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154N100C-TR-FE RICOH-R1154N100C-TR-FE Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
More results

Similar Description - R1154N102B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1514X RICOH-R1514X Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com