Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2045S Datasheet(PDF) 14 Page - RICOH electronics devices division

Part # R2045S
Description  4-wire Serial Interface Real Time Clock Module
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2045S Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button R2045S Datasheet HTML 10Page - RICOH electronics devices division R2045S Datasheet HTML 11Page - RICOH electronics devices division R2045S Datasheet HTML 12Page - RICOH electronics devices division R2045S Datasheet HTML 13Page - RICOH electronics devices division R2045S Datasheet HTML 14Page - RICOH electronics devices division R2045S Datasheet HTML 15Page - RICOH electronics devices division R2045S Datasheet HTML 16Page - RICOH electronics devices division R2045S Datasheet HTML 17Page - RICOH electronics devices division R2045S Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
R2045S/D
14
The XST accepts the reading and writing of 0 and 1.
The XST bit will be set to 0 when the oscillation
halt sensing.
The XST bit will hold 0 even after the restart of oscillation.
(4) PON
Power-on-reset Flag Bit
PON
Description
0
Normal condition
1
Detecting VDD power-on -reset
(Default)
The PON bit is for sensing power-on reset condition.
* The PON bit will be set to 1 when VDD power-on from 0 volts.
The PON bit will hold the setting of 1 even
after power-on.
* When the PON bit is set to 1, all bits will be reset to 0, in the Oscillation Adjustment Register, Control
Register 1, and Control Register 2, except XST and PON.
As a result, INTR pin stops outputting, and
32KOUT starts outputting.
* The PON bit accepts only the writing of 0.
Conversely, setting the PON bit to 1 causes no event.
(5) CLEN1
32-kHz Clock Output Bit 1
CLEN1
Description
0
Enabling the 32-kHz clock output
(Default)
1
Disabling the 32-kHz clock output
Setting the CLEN1 bit or the CLEN2 bit (D4 in the control register 1) to 0 specifies generating clock
pulses
with the oscillation frequency of the 32.768-kHz crystal oscillator for output from the 32KOUT pin.
Conversely, setting both the CLEN1 and the CLEN2 bit to 1 specifies disabling (“H”) such output.
(6) CTFG
Periodic Interrupt Flag Bit
CTFG
Description
0
Periodic interrupt output = “H”
(Default)
1
Periodic interrupt output = “L”
The CTFG bit is set to 1 when the periodic interrupt signals are output from the INTR pin (“L”).
The
CTFG bit accepts only the writing of 0 in the level mode, which disables (“H”) the INTR pin until it is
enabled (“L”) again in the next interrupt cycle. Conversely, setting the CTFG bit to 1 causes no event.
(7) WAFG,DAFG
Alarm_W Flag Bit and Alarm_D Flag Bit
WAFG,DAFG
Description
0
Indicating a mismatch between current time and preset alarm time
(Default)
1
Indicating a match between current time and preset alarm time
The WAFG and DAFG bits are valid only when the WALE and DALE have the setting of 1, which is caused
approximately 61
µs after any match between current time and preset alarm time specified by the Alarm_W
registers and the Alarm_D registers.
The WAFG (DAFG) bit accepts only the writing of 0.
INTR pin
outputs off (“H”) when this bit is set to 0.
And INTR pin outputs “L” again at the next preset alarm time.
Conversely, setting the WAFG and DAFG bits to 1 causes no event.
The WAFG and DAFG bits will have
the reading of 0 when the alarm interrupt circuit is disabled with the WALE and DALE bits set to 0.
The settings of the WAFG (DAFG) bit is synchronized with the output of the INTR pin as shown in the
timing chart below.


Similar Part No. - R2045S

ManufacturerPart #DatasheetDescription
logo
C&K Components
R204 CK-COMPONENTS-R204 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R204-05-RN-01-B-E ITT-R204-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R204-05-RN-01-Q-E ITT-R204-05-RN-01-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R204-05-RN-02-B-E ITT-R204-05-RN-02-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R204-05-RN-02-Q-E ITT-R204-05-RN-02-Q-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R2045S

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Epson ToYoCom
RX-4801SA EPSONTOYOCOM-RX-4801SA Datasheet
382Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RA-4574SA EPSONTOYOCOM-RA-4574SA Datasheet
329Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RX-4581NB EPSONTOYOCOM-RX-4581NB Datasheet
296Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
RX-4575LC EPSONTOYOCOM-RX-4575LC Datasheet
296Kb / 2P
   SERIAL INTERFACE REAL TIME CLOCK MODULE
logo
List of Unclassifed Man...
RTC4543 ETC-RTC4543 Datasheet
66Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
List of Unclassifed Man...
RTC4553 ETC-RTC4553 Datasheet
43Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RA-4565SA EPSONTOYOCOM-RA-4565SA Datasheet
364Kb / 2P
   SERIAL INTERFACE REAL TIME CLOCK MODULE
RX-4574LC EPSONTOYOCOM-RX-4574LC Datasheet
288Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com