Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2043T Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # R2043T
Description  4-wire Serial Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2043T Datasheet(HTML) 5 Page - RICOH electronics devices division

  R2043T Datasheet HTML 1Page - RICOH electronics devices division R2043T Datasheet HTML 2Page - RICOH electronics devices division R2043T Datasheet HTML 3Page - RICOH electronics devices division R2043T Datasheet HTML 4Page - RICOH electronics devices division R2043T Datasheet HTML 5Page - RICOH electronics devices division R2043T Datasheet HTML 6Page - RICOH electronics devices division R2043T Datasheet HTML 7Page - RICOH electronics devices division R2043T Datasheet HTML 8Page - RICOH electronics devices division R2043T Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
R2043K/T
12345
Rev.2.05
- 5 -
DC ELECTRICAL CHARACTERISTICS
R2043K/T
(Unless otherwise specified:
VSS=0V, VDD=3.0V, Topt=-40 to +85
°C, Crystal oscillator 32768Hz,CL=7pF,R1=50kΩ)
Symbol
Item
Pin Name
Conditions
Min.
Typ.
Max.
Unit
VIH
“H” Input Voltage
0.8x
VDD
5.5
VIL
“L” Input Voltage
CE,
SCLK, SI
VDD=1.7 to 5.5V
-0.3
0.2x
VDD
V
IOH
“H” Output
Current
SO
VOH=VDD-0.5V
-0.5
mA
IOL1
/INTR
2.0
IOL2
“L” Output
Current
SO,
32KOUT
VOL=0.4V
0.5
mA
IIL
Input Leakage
Current
SI, SCLK
VI=5.5V or VSS
VDD=5.5V
-1.0
1.0
µA
RDNCE
Pull-down Resistance
CE
40
120
400
k
IOZ1
SO
VO=5.5V or VSS
VDD=5.5V
-1
1
IOZ2
/INTR
VO=5.5V
VDD=5.5V
-1
1
µA
IOZ3
Output Off-state
Current
32KOUT
VO=5.5V
VDD=5.5V
-1
1
IDD
Time Keeping Current
VDD
VDD=3V,
CE= OPEN
Output = OPEN
32KOUT=OFF
CGout=CDout=0pF
*1)
0.45
1.00
µA
VDETH
Supply Voltage
Monitoring Voltage “H”
VDD
Topt=-30 to +70
°C
1.45
1.60
1.75
V
VDETL
Supply Voltage
Monitoring Voltage “L”
VDD
Topt=-30 to +70
°C
1.15
1.30
1.45
V
*1) For time keeping current when outputting 32.768kHz from the 32KOUT pin, see “P.43
Typical
Characteristics”.
For time keeping current when CGOUT, CDOUT is not equal to 0pF, see “P.28
Adjustment of Oscillation frequency”.


Similar Part No. - R2043T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
More results

Similar Description - R2043T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C348A-E2-F RICOH-RS5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RV5C348A-E2-F RICOH-RV5C348A-E2-F Datasheet
1Mb / 47P
   4-wire Serial Interface
RX5C348A RICOH-RX5C348A Datasheet
1Mb / 45P
   4-WIRE SERIAL INTERFACE
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
ON Semiconductor
AR0135AT ONSEMI-AR0135AT Datasheet
703Kb / 5P
   Two-wire Serial Interface
January, 2016 ??Rev. 0
logo
Renesas Technology Corp
R1EX24032ASAS0G RENESAS-R1EX24032ASAS0G Datasheet
267Kb / 18P
   Two-wire serial interface
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
R2043T-E2-F RICOH-R2043T-E2-F Datasheet
868Kb / 52P
   4-wire Serial Interface Real Time Clock IC
logo
Epson Company
RX-4045SA EPSON-RX-4045SA Datasheet
49Kb / 3P
   4-wire serial interface high-stability RTC module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com