Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1514X Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # R1514X
Description  150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514X Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button R1514X Datasheet HTML 12Page - RICOH electronics devices division R1514X Datasheet HTML 13Page - RICOH electronics devices division R1514X Datasheet HTML 14Page - RICOH electronics devices division R1514X Datasheet HTML 15Page - RICOH electronics devices division R1514X Datasheet HTML 16Page - RICOH electronics devices division R1514X Datasheet HTML 17Page - RICOH electronics devices division R1514X Datasheet HTML 18Page - RICOH electronics devices division R1514X Datasheet HTML 19Page - RICOH electronics devices division R1514X Datasheet HTML 20Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
PACKAGES INFORMATION
PE-HSOP-6J-0701
HSOP-6J
Unit: mm
PACKAGE DIMENSIONS
0.10
3.81
65
4
1
0.605Typ.
0.4
±0.1
5.02
±0.3
1.67
±0.1
0.2 +0.10
−0.05
23
0.12 M
TAPING SPECIFICATION
E2
0.3
±0.1
4.0
±0.1
2.05
±0.1
8.0
±0.1
6.7
2.0
±0.05
2.7Max.
1.5 +0.1
0
User Direction of Feed
TAPING REEL DIMENSIONS
REUSE REEL (EIAJ-RRM-12Bc)
(1reel=1000pcs)
15.4
±1.0
13
±0.3
21
±0.8
2
±0.5


Similar Part No. - R1514X

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
R1514X-Y NISSHINBO-R1514X-Y Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X025B NISSHINBO-R1514X025B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X028B NISSHINBO-R1514X028B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
R1514X030B NISSHINBO-R1514X030B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results

Similar Description - R1514X

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
   150mA Voltage Regulator (Wide Input Voltage Range)
R1154 RICOH-R1154 Datasheet
309Kb / 22P
   150mA Voltage Regulator (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514X NISSHINBO-R1514X Datasheet
313Kb / 15P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com