Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1152N048B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1152N048B
Description  High Input Voltage Tolerant Boost Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1152N048B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1152N048B Datasheet HTML 6Page - RICOH electronics devices division R1152N048B Datasheet HTML 7Page - RICOH electronics devices division R1152N048B Datasheet HTML 8Page - RICOH electronics devices division R1152N048B Datasheet HTML 9Page - RICOH electronics devices division R1152N048B Datasheet HTML 10Page - RICOH electronics devices division R1152N048B Datasheet HTML 11Page - RICOH electronics devices division R1152N048B Datasheet HTML 12Page - RICOH electronics devices division R1152N048B Datasheet HTML 13Page - RICOH electronics devices division R1152N048B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
R1152N
10
2) Output Voltage vs. Input Voltage (Topt
=25°C)
External Transistor: 2SB1642
R1152N025B
R1152N033B
1.7
1.9
2.1
2.7
2.5
2.3
13
25
7
6
48
Input Voltage VIN(V)
IOUT=1A
IOUT=500mA
IOUT=100mA
IOUT=0mA
2.1
2.4
2.7
3.6
3.3
3.0
23
5
7
6
48
Input Voltage VIN(V)
IOUT=1A
IOUT=500mA
IOUT=100mA
IOUT=0mA
R1152N050B
4.2
4.4
4.6
5.2
5.0
4.8
45
7
68
Input Voltage VIN(V)
IOUT=1A
IOUT=500mA
IOUT=100mA
IOUT=0mA
3) Output Voltage vs. Temperature
R1152N025B
R1152N033B
2.450
2.475
2.500
2.550
2.525
-40
-15
35
85
60
10
110
Temperature Topt (
°C)
IOUT=100mA
VIN=3.5V
3.234
3.267
3.300
3.366
3.333
-40
-15
35
85
60
10
110
Temperature Topt (
°C)
IOUT=100mA
VIN=4.3V


Similar Part No. - R1152N048B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1150H RICOH-R1150H Datasheet
474Kb / 28P
   VOLTAGE REGULATOR(with Wide Input Voltage Range) with RESET
logo
Nisshinbo Micro Devices...
R1150H NISSHINBO-R1150H Datasheet
355Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
logo
RICOH electronics devic...
R1150H0211A-TR-FE RICOH-R1150H0211A-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211B-TR-FE RICOH-R1150H0211B-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
R1150H0211C-TR-FE RICOH-R1150H0211C-TR-FE Datasheet
281Kb / 30P
   VOLTAGE REGULATOR (with Wide Input Voltage Range) with RESET
More results

Similar Description - R1152N048B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
   High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4865 MICRO-LINEAR-ML4865 Datasheet
234Kb / 10P
   High Voltage High Current Boost Regulator
logo
Microchip Technology
MCP1623 MICROCHIP-MCP1623_10 Datasheet
543Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
MCP1623 MICROCHIP-MCP1623_16 Datasheet
485Kb / 30P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
06/23/16
MCP1623 MICROCHIP-MCP1623_11 Datasheet
596Kb / 28P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2011
MCP1623 MICROCHIP-MCP1623 Datasheet
571Kb / 26P
   Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
2010
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
logo
M.S. Kennedy Corporatio...
MSK590XRHG MSK-MSK590XRHG Datasheet
268Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
MSK5901 MSK-MSK5901 Datasheet
264Kb / 6P
   DUAL RAD TOLERANT /- VOLTAGE REGULATOR
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
   High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com