Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1250V401A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R1250V401A
Description  Negative Output Charge Pump Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1250V401A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R1250V401A Datasheet HTML 5Page - RICOH electronics devices division R1250V401A Datasheet HTML 6Page - RICOH electronics devices division R1250V401A Datasheet HTML 7Page - RICOH electronics devices division R1250V401A Datasheet HTML 8Page - RICOH electronics devices division R1250V401A Datasheet HTML 9Page - RICOH electronics devices division R1250V401A Datasheet HTML 10Page - RICOH electronics devices division R1250V401A Datasheet HTML 11Page - RICOH electronics devices division R1250V401A Datasheet HTML 12Page - RICOH electronics devices division R1250V401A Datasheet HTML 13Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
R1250Vxx1A
9
-3.00V
100mV
1.00
µs
,287 P$
-3.00V
100mV
1.00
µs
,287 P$
TEST CIRCUITS
7HVW&LUFXLW6XSSO\&XUUHQW
7HVW&LUFXLW7\SLFDO&KDUDFWHULVWLFV
7HVW&LUFXLW7\SLFDO&KDUDFWHULVWLFV
7HVW&LUFXLW7\SLFDO&KDUDFWHULVWLFV
7HVW&LUFXLW7\SLFDO&KDUDFWHULVWLFV
7HVW&LUFXLW6WDQGE\&XUUHQW
1)
Test Circuit 1
A
A
5.5V
ISS-P
ISS-N
Set Output Voltage+0.2V
1.CP+
3.CP-
2.GND
4.CE
8.VIN
6.Vref
7.VOUT
5.NC
'HILQLWLRQ!,66 ,663 ,661
(*)
To stabilize voltage, a few µF bypass capacitors are applied to VOUT pin and VIN pin.


Similar Part No. - R1250V401A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V401A RICOH-R1250V401A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
R1250V401A-E2 RICOH-R1250V401A-E2 Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
More results

Similar Description - R1250V401A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
   Triple-Output Charge Pump Regulator
logo
Analog Devices
ADP5600 AD-ADP5600 Datasheet
1Mb / 25P
   Interleaved Inverting Charge Pump with Negative LDO Regulator
logo
Semtech Corporation
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
   Fixed 5.3V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
   Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
   Fixed 5.0V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
   1MHz Fixed 3.3V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
   1MHz Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com