Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1232D101A Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R1232D101A
Description  PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1232D101A Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R1232D101A Datasheet HTML 3Page - RICOH electronics devices division R1232D101A Datasheet HTML 4Page - RICOH electronics devices division R1232D101A Datasheet HTML 5Page - RICOH electronics devices division R1232D101A Datasheet HTML 6Page - RICOH electronics devices division R1232D101A Datasheet HTML 7Page - RICOH electronics devices division R1232D101A Datasheet HTML 8Page - RICOH electronics devices division R1232D101A Datasheet HTML 9Page - RICOH electronics devices division R1232D101A Datasheet HTML 10Page - RICOH electronics devices division R1232D101A Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
R1232D
7
TEST CIRCUIT
PGND
VIN
VDD
CE
VFB
TEST
AGND
LX
A
Test Circuit for Input Current and Leakage Current
PGND
VIN
VDD
CE
VFB
TEST
AGND
LX
A
PGND
VIN
VDD
CE
VFB
TEST
AGND
LX
V
Test Circuit for Supply Current and Standby Current
Test Circuit for ON resistance of LX
PGND
VIN
VDD
CE
VFB
TEST
AGND
LX
OSCILLOSCOPE
Input Voltage, Output Voltage, Frequency, Lx Current Limit,
Protection Delay Time, UVLO Voltage Test Circuit
PGND
VIN
VDD
CE
VFB
TEST
AGND
LX
OSCILLOSCOPE
Soft Start Time Test Circuit
The bypass capacitor between power supply and GND is a ceramic capacitor 10
µF.


Similar Part No. - R1232D101A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R123.3D RECOM-R123.3D Datasheet
83Kb / 2P
   EUROLINE - DC/DC - CONVERTER
logo
RICOH electronics devic...
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A RICOH-R1230D001A Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TL RICOH-R1230D001A-TL Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
R1230D001A-TR RICOH-R1230D001A-TR Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
More results

Similar Description - R1232D101A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1234D RICOH-R1234D Datasheet
915Kb / 26P
   PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
R1230D RICOH-R1230D Datasheet
881Kb / 20P
   PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
REV. 0
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
   500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com