Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R3130N Datasheet(PDF) 6 Page - RICOH electronics devices division

Part No. R3130N
Description  Low Voltage Detector with Built-in Delay Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

R3130N Datasheet(HTML) 6 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
R3130N/R3131N
6
R3130N29xx3-TR
[Topt
=25°C]
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VDDH
Maximum Operating Voltage
6.0
V
VDDL ∗
1
Minimum Operating Voltage
IOL
=50µA
0.75
1.00
V
VDET
Detector Threshold
2.887
2.930
2.973
V
ISS1
Supply Current1
VDD
=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD
=3.03V
1.25
4.00
µA
ISS3
Supply Current3
VDD
=2.83V
1.10
3.50
µA
VOH
“H” Output Voltage
VDD
=3.03V, IOUT=−500µA
0.8
×VDD 0.93×VDD
V
VOL
“L” Output Voltage
VDD
=2.83V, IOUT=1.2mA
0.16
0.30
V
Tdelay
2
Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C
R3130N30xx8-TR
[Topt
=25°C]
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VDDH
Maximum Operating Voltage
6.0
V
VDDL ∗
1
Minimum Operating Voltage
IOL
=50µA
0.75
1.00
V
VDET
Detector Threshold
3.034
3.080
3.126
V
ISS1
Supply Current1
VDD
=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD
=3.18V
1.25
4.00
µA
ISS3
Supply Current3
VDD
=2.98V
1.10
3.50
µA
VOH
“H” Output Voltage
VDD
=3.18V, IOUT=−500µA
0.8
×VDD 0.93×VDD
V
VOL
“L” Output Voltage
VDD
=2.98V, IOUT=1.2mA
0.16
0.30
V
Tdelay
2
Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn