Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

R3130N Datasheet(PDF) 5 Page - RICOH electronics devices division

Part No. R3130N
Description  Low Voltage Detector with Built-in Delay Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICOH [RICOH electronics devices division]
Homepage  http://www.ricoh.com
Logo 

R3130N Datasheet(HTML) 5 Page - RICOH electronics devices division

 
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
R3130N/R3131N
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VDD
Supply Voltage
6.5
V
CMOS
VSS
−0.3 to VDD+0.3
V
VOUT
Output Voltage
Nch
VSS
−0.3 to 6.5
V
IOUT
Output Current
20
mA
PD
Power Dissipation
150
mW
Topt
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +125
°C
Tsolder
Soldering Temperature
260
°C, 10s
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are threshold limit values that must not be exceeded even for a moment under
any conditions.
Moreover, such values for any items must not be reached simultaneously. Operation above these absolute
maximum ratings may cause degradation or permanent damage to the device. These are just stress ratings
and do not necessarily imply to guarantee operation below these limits.
ELECTRICAL CHARACTERISTICS
R3130N26xx3-TR
[Topt
=25°C]
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VDDH
Maximum Operating Voltage
6.0
V
VDDL ∗
1
Minimum Operating Voltage
IOL
=50µA
0.75
1.00
V
VDET
Detector Threshold
2.591
2.630
2.669
V
ISS1
Supply Current1
VDD
=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD
=2.73V
1.25
4.00
µA
ISS3
Supply Current3
VDD
=2.53V
1.10
3.50
µA
VOH
“H” Output Voltage
VDD
=2.73V, IOUT=−500µA
0.8
×VDD 0.93×VDD
V
VOL
“L” Output Voltage
VDD
=2.53V, IOUT=1.2Ma
0.16
0.30
V
Tdelay
2
Output Delay Time for release Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
−40°C <
= Topt <
= 85°C
±100
ppm/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn