Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C387A Datasheet(PDF) 14 Page - RICOH electronics devices division

Part No. RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 14 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 18Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
RV5C387A
14
VDSL
Description
0Selecting the supply voltage monitoring threshold setting of 2.1 volts.
1Selecting the supply voltage monitoring threshold setting of 1.6 volts.
2.2-1 VDSL
Supply Voltage Monitoring Threshold Selection Bit
The VDSL bit is intended to select the supply voltage monitoring threshold settings.
VDET
Description
0
Indicating supply voltage above the supply voltage monitoring threshold settings.
1
Indicating supply voltage below the supply voltage monitoring threshold settings.
2.2-2 VDET
Supply Voltage Monitoring Result Indication Bit
(Default setting)
Once the VDET bit is set to 1, the supply voltage monitoring circuit will be disabled while the VDET bit will hold the
setting of 1. The VDET bit accepts only the writing of 0, which restarts the supply voltage monitoring circuit.
Conversely, setting the VDET bit to 1 causes no event.
D7
D6
D5
D4
D3
D2
D1
D0
VDSL
VDET
SCRATCH
XSTP
CLEN1
CTFG
WAFG
DAFG
VDSL
VDET
SCRATCH
XSTP
CLEN1
CTFG
WAFG
DAFG
00
010000
2.2 Control Register 2 (at Address Fh)
(For write operation)
(For read operation)
Default setting*
1
SCRATCH
Description
0
1
2.2-3 SCRATCH
Scratch Bit
(default settings)
The SCRATCH bit is intended for scratching and accepts the reading and writing of 0 and 1. The SCRATCH bit will
be set to 0 when the XSTP bit is set to 1 in the control register 2.
(Default setting)
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.


Similar Part No. - RV5C387A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz