Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C387A Datasheet(PDF) 10 Page - RICOH electronics devices division

Part No. RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
RV5C387A
10
WALE, DALE
Description
0
Disabling the alarm interrupt circuit (under the control of the settings of the
Alarm_W registers and the Alarm_D registers).
1
Enabling the alarm interrupt circuit (under the control of the settings of the
Alarm_W registers and the Alarm_D registers)
D7
D6
D5
D4
D3
D2
D1
D0
WALE
DALE
12/24
CLEN2
TEST
CT2
CT1
CT0
WALE
DALE
12/24
CLEN2
TEST
CT2
CT1
CT0
00
000000
(For writing)
(For reading)
Default settings*
1
(Default setting)
2. Register Settings
2.1 Control Register 1 (at Address Eh)
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.
2.1-1 WALE and DALE
Alarm_W Enable Bit and Alarm_D Enable Bit
2.1-2 12/24
12-/24-hour Mode Selection Bit
12/24
Description
0
Selecting the 12-hour mode with a.m. and p.m. indications.
1
Selecting the 24-hour mode
Setting the 12/24 bit to 0 and 1 specifies the 12-hour mode and the 24-hour mode, respectively.
Table of Time Digit Indications
24-hour mode
12-hour mode
24-hour mode
12-hour mode
00
12 (AM12)
12
32 (PM12)
01
01 (AM 1)
13
21 (PM 1)
02
02 (AM 2)
14
22 (PM 2)
03
03 (AM 3)
15
23 (PM 3)
04
04 (AM 4)
16
24 (PM 4)
05
05 (AM 5)
17
25 (PM 5)
06
06 (AM 6)
18
26 (PM 6)
07
07 (AM 7)
19
27 (PM 7)
08
08 (AM 8)
20
28 (PM 8)
09
09 (AM 9)
21
29 (PM 9)
10
10 (AM10)
22
30 (PM10)
11
11 (AM11)
23
31 (PM11)
*) Setting the 12/24 bit should precede writing time data.
(Default setting)


Similar Part No. - RV5C387A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz