Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C386A Datasheet(PDF) 38 Page - RICOH electronics devices division

Part # RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 38 Page - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 34Page - RICOH electronics devices division RV5C386A Datasheet HTML 35Page - RICOH electronics devices division RV5C386A Datasheet HTML 36Page - RICOH electronics devices division RV5C386A Datasheet HTML 37Page - RICOH electronics devices division RV5C386A Datasheet HTML 38Page - RICOH electronics devices division RV5C386A Datasheet HTML 39Page - RICOH electronics devices division RV5C386A Datasheet HTML 40Page - RICOH electronics devices division RV5C386A Datasheet HTML 41Page - RICOH electronics devices division RV5C386A Datasheet HTML 42Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
RV5C386A
38
4. Alarm and Periodic Interrupt
The RV5C386A incorporates the alarm circuit and the periodic interrupt circuit that are configured to generate
alarm signals and periodic interrupt signals, respectively, for output from the INTRA or INTRB pin as described below.
1) Alarm Circuit
The alarm interrupt circuit is configured to generate alarm signals for output from the INTRA or INTRB, which is
driven low (enabled) upon the occurrence of a match between current time read by the time counters (the day-of-
week, hour, and minute counters) and alarm time preset by the alarm registers (the Alarm_W registers intended
for the day-of-week, hour, and minute digit settings and the Alarm_D registers intended for the hour and minute
digit settings). The Alarm_W is output from the INTRB pin, and the Alarm_D is output from INTRA pin.
2) Periodic Interrupt Circuit
The periodic interrupt circuit is configured to generate either clock pulses in the pulse mode or interrupt signals
in the level mode for output from the INTRA pin depending on the CT2, CT1, and CT0 bit settings in the control
register 1.
The above two types of interrupt signals are monitored by the flag bits (i.e. the WAFG, DAFG, and CTFG bits in the
control register 2) and enabled or disabled by the enable bits (i.e. the WALE, DALE, CT2, CT1, and CT0 bits in the
control register 1) as listed in the table below.
Alarm_D
Periodic Interrupt
INTRA
In this event, which type of interrupt signal is output from the INTRA pin can be confirmed by reading
the DAFG and CTFG bit settings in the control register 2.
Flag Bits
Enable Bits
Output Pin
Alarm signals
WAFG bit
WALE bit
INTRB
(under control of Alarm_W registers)
(D1 at address Fh)
(D7 at address Eh)
Alarm signals
DALE bit
DALE bit
INTRA
(under control of Alarm_D registers)
(D0 at address Fh)
(D6 at address Eh)
Periodic interrupt signals
CTFG bit
CT2, CT1, and CT0 bits (D2 to D0 at address Eh)
INTRA
(D2 of Internal Address Fh) (these bit settings of 0 disable the periodic interrupt circuit)
· At power-on, when the WALE, DALE, CT2, CT1, and CT0 bits are set to 0 in the control register 1, the INTRA or
INTRB pin is driven high (disabled).
· When two or more types of interrupt signals are output simultaneously from the INTRA or INTRB pin, the output
from the INTRA or INTRB pin becomes an OR waveform of their negative logic.
Example: Combined Output of Interrupt Signals Under Control of Alarm_D and Periodic Interrupt.


Similar Part No. - RV5C386A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com