Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C386A Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RV5C386A Datasheet HTML 4Page - RICOH electronics devices division RV5C386A Datasheet HTML 5Page - RICOH electronics devices division RV5C386A Datasheet HTML 6Page - RICOH electronics devices division RV5C386A Datasheet HTML 7Page - RICOH electronics devices division RV5C386A Datasheet HTML 8Page - RICOH electronics devices division RV5C386A Datasheet HTML 9Page - RICOH electronics devices division RV5C386A Datasheet HTML 10Page - RICOH electronics devices division RV5C386A Datasheet HTML 11Page - RICOH electronics devices division RV5C386A Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
RV5C386A
8
5. Oscillation Halt Sensing Function and Supply Voltage Monitoring Function
The RV5C386A incorporates an oscillation halt sensing circuit equipped with internal registers configured to record
any past oscillation halt, thereby identifying whether they are powered on from 0 volts or battery backed-up. As
such, the oscillation halt sensing circuit is useful for judging the validity of time data.
The RV5C386A also incorporates a supply voltage monitoring circuit equipped with internal registers configured to
record any drop in supply voltage below a certain threshold value. Supply voltage monitoring threshold settings can
be selected between 2.1 and 1.6 volts through internal register settings.
The oscillation halt sensing circuit is configured to confirm the established invalidation of time data in contrast to
the supply voltage monitoring circuit intended to confirm the potential invalidation of time data. Further, the supply
voltage monitoring circuit can be applied to battery supply voltage monitoring.
6. Periodic Interrupt Function
The RV5C386A incorporates a periodic interrupt circuit configured to generate periodic interrupt signals aside from
interrupt signals generated by the alarm circuit for output from the INTRA pin. Periodic interrupt signals have five
selectable frequency settings of 2Hz (once per 0.5 seconds), 1Hz (once per 1 second), 1/60Hz (once per 1 minute),
1/3600Hz (once per 1 hour), and monthly (the first day of every month). Further, periodic interrupt signals also
have two selectable waveforms of a normal pulse form (with a frequency of 2Hz or 1Hz) and special form adapted to
interruption from the CPU in the level mode (with second, minute, hour, and month interrupts). The register
records of periodic interrupt signals can be monitored by using a polling function.
7. 32-kHz Clock Output Function
The RV5C386A incorporates a 32-kHz clock circuit configured to generate clock pulses with the oscillation
frequency of a 32.768kHz crystal oscillator for output from the 32KOUT pin (CMOS push-pull output). The 32-kHz
clock output is enabled and disabled when the CLKC pin is held “H”, and “L” or open, respectively.


Similar Part No. - RV5C386A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com