Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 44 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 44 Page - RICOH electronics devices division

Back Button RV5C386A_03 Datasheet HTML 40Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 41Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 42Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 43Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 44Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 45Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 46Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 47Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 48Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
RV5C386A
44
X'tal : 32.768kHz
(R1=30k
Ω TYP.)
(CL=6pF to 8pF)
Topt : 25˚C
Output Pins: open
Frequency
counter
RV5C386A
32.768kHz
OSCIN
OSCOUT
VDD
V
SS
32KOUT
Supply Voltage VDD(V)
01
0
0.2
0.4
0.6
0.8
1
23
4
5
6
(Output=Open, Topt=25˚C)
Supply Voltage VDD(V)
01
0
0.5
1
1.5
2.5
2
3
23
4
5
6
(Output=Open, Topt=25˚C)
SCL Clock Frequency (kHz)
0
100
0
5
10
15
20
200
300
400
500
(Output=Open, Topt=25˚C)
VDD=5V
VDD=3V
Operating Temperature Topt(˚C)
–60 –40
0
0.5
1
1.5
2
–20
0
20
40
60
80 100
(Output=Open)
7. Typical Characteristics
Test Circuit
7.1 Timekeeping Current vs. Supply Voltage
(with no 32-kHz clock output)
7.2 Timekeeping Current vs. Supply Voltage
(with 32-kHz clock output)
7.3 CPU Access Current vs. SCLK Clock Frequency
7.4 Timekeeping Current vs. Operating Temperature
(with no 32-kHz clock output)


Similar Part No. - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz