Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 4 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 4 Page - RICOH electronics devices division

  RV5C386A_03 Datasheet HTML 1Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 2Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 3Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 4Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 5Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
RV5C386A
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Conditions
Ratings
Unit
VDD
Supply Voltage
–0.3 to +6.5
V
VI
Input Voltage 2
SCL, SDA, CLKC
–0.3 to +6.5
V
VO
Output Voltage 1
SDA, INTRA, INTRB
–0.3 to +6.5
V
Output Voltage 2
32KOUT
–0.3 to VDD+0.3
PD
Power Dissipation
Topt=25˚C
300
mW
Topt
Operating Temperature
–40 to +85
˚C
Tstg
Storage Temperature
–55 to +125
˚C
(Vss=0V)
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under
any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation
above these absolute maximum ratings may cause degradation or permanent damage to the device. These
are stress ratings only and do not necessarily imply functional operation below these limits.
RECOMMENDED OPERATING CONDITIONS
(Vss=0V,Topt=–40 to +85˚C)
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDD
Supply Voltage
2.0
5.5
V
VCLK
Timekeeping Voltage
1.45
5.5
V
fXT
Oscillation Frequency
32.768
kHz
VPUP
Pull-up Voltage
SCL, SDA, INTRA, INTRB
5.5
V


Similar Part No. - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz