Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 27 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button RV5C386A_03 Datasheet HTML 23Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 24Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 25Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 26Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 27Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 28Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 29Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 30Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 31Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
27
RV5C386A
1.2-5 Data transmission read format of the RV5C386A
The RV5C386A allows the following three readout methods of data from an internal register.
1) The first method to reading data from the internal register is to specify an internal address by setting the internal
address pointer and the transmission format register described 1.2-4, generate the repeated start condition (see
section 1.2-3) to change the data transmission direction to perform reading. The internal address pointer is set to
Fh when the stop condition is met. Therefore, this method of reading allows no insertion of the stop condition
before the repeated start condition. Set 0h to the transmission format register.
Example 1 of data read (when data is read from 2h to 4h)
S 0 11 0
0
0
1
0
0 01 0
0 0
0
0
A
AAA P
A1
0
Sr
0 01 0
A
1
1
R/W=0 (Write)
Transmission of
slave address
(0110010)
Transmission of
slave address
(0110010)
Setting of
2h to the
internal
address
pointer
Setting of
0h to the
trans-
mission
format
register
Reading of data from
the internal address 2h.
Reading of data from
the internal address 3h.
Reading of data from
the internal address 4h.
Data
Data
Data
Repeated start condition
R/W=1 (Read)
SSr
AA
Master to slave
Slave to master
Start condition
Acknowledge signal
Repeated start condition
P Stop condition
A


Similar Part No. - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz