Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 19 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 19 Page - RICOH electronics devices division

Back Button RV5C386A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 19Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 20Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 21Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 22Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 23Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
19
RV5C386A
2.5-3 Year Counter (at Address 6h)
D7
D6
D5
D4
D3
D2
D1
D0
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.6 Oscillation Adjustment Register (at Address 7h)
D7
D6
D5
D4
D3
D2
D1
D0
—F6
F5
F4
F3
F2
F1
F0
0
F6
F5
F4
F3
F2
F1
F0
00000000
(For writing)
(For reading)
Default settings*
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.
2.6-1 F6 to F0
The oscillation adjustment circuit is configured to change time counts of 1 second on the basis of the settings of the
oscillation adjustment register when the second digits read 00, 20, or 40 seconds. Normally, the second counter is
incremented once per 32768 32.768-kHz clock pulses generated by the crystal oscillator. Writing to the F6 to F0 bits
activates the oscillation adjustment circuit.
· The oscillation adjustment circuit will not operate with the same timing (00, 20, or 40 seconds) as the timing of
writing to the oscillation adjustment register.
· The F6 bit setting of 0 causes an increment of time counts by ((F5, F4, F3, F2, F1, F0) –1)
× 2.
The F6 bit setting of 1 causes a decrement of time counts by (( F5, F4, F3, F2, F1, F0) +1)
× 2.
The settings of “*, 0, 0, 0, 0, 0, *” ( “*” representing either “0” or “1” ) in the F6, F5, F4, F3, F2, F1, and F0 bits
cause neither an increment nor decrement of time counts.
Example:
When the second digits read 00, 20, or 40, the settings of “0, 0, 0, 0, 1, 1, 1” in the F6, F5, F4, F3, F2, F1, and F0 bits
cause an increment of the current time counts of 32768 by (7–1)
× 2 to 32780 (a current time count loss). When the
second digits read 00, 20, or 40, the settings of “0, 0, 0, 0, 0, 0, 1” in the F6, F5, F4, F3, F2, F1, and F0 bits cause neither
an increment nor a decrement of the current time counts of 32768.
When the second digits read 00, 20, or 40, the settings of “1, 1, 1, 1, 1, 1, 0” in the F6, F5, F4, F3, F2, F1, and F0 bits
cause a decrement of the current time counts of 32768 by (–2)
× 2 to 32764 (a current time count gain).
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.


Similar Part No. - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz