Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5C386A Datasheet(PDF) 17 Page - RICOH electronics devices division

Part No. RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button RV5C386A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 19Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 20Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
17
RV5C386A
2.3 Time Counters (at Addresses 0h to 2h)
·Time digit display (BCD format) as follows:
The second digits range from 00 to 59 and are carried to the minute digit in transition from 59 to 00.
The minute digits range from 00 to 59 and are carried to the hour digits in transition from 59 to 00.
The hour digits range as shown in “2.1-2 12/24: 12-/ 24-hour Mode Selection Bit” and are carried to the
day-of-month and day-of-week digits in transition from PM11 to AM12 or from 23 to 00.
· Any writing to the second counter resets divider units of less than 1 second.
· Any carry from lower digits with the writing of non-existent time may cause the time counters to malfunction.
Therefore, such incorrect writing should be replaced with the writing of existent time data.
2.3-1 Second Counter (at Address 0h)
D7
D6
D5
D4
D3
D2
D1
D0
—S40
S20
S10
S8
S4
S2
S1
0S40
S20
S10
S8
S4
S2
S1
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.3-2 Minute Counter (at Address 1h)
D7
D6
D5
D4
D3
D2
D1
D0
—M40
M20
M10
M8
M4
M2
M1
0M40
M20
M10
M8
M4
M2
M1
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.3-3 Hour Counter (at Address 2h)
D7
D6
D5
D4
D3
D2
D1
D0
——
P/A or H20
H10
H8
H4
H2
H1
00
P/A or H20
H10
H8
H4
H2
H1
00
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.


Similar Part No. - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart No.DatasheetDescription
RICOH electronics devices division
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
Integrated Device Technology
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
RICOH electronics devices division
RICOH electronics devic...
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz