Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C386A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RV5C386A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C386A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RV5C386A_03 Datasheet HTML 5Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C386A_03 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9
RV5C386A
00
00
0
Second Counter
*
2
S40
S20
S10
S8
S4
S2
S1
10
00
1
Minute Counter
M40
M20
M10
M8
M4
M2
M1
20
0
1
0
Hour Counter
––
H20
H10
H8
H4
H2
H1
P/A
30
01
1
Day-of-week Counter
W4
W2
W1
40
10
0
Day-of-month Counter
D20
D10
D8
D4
D2
D1
50
1
0
1
Month Counter and Century Bit 19/20
MO10
MO8
MO4
MO2
MO1
60
11
0
Year Counter
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
70
1
1
1
Oscillation Adjustment Register*
3
–F6
F5
F4
F3
F2
F1
F0
81
0
0
0
Alarm_W (minute register)
–WM40 WM20 WM10 WM8
WM4
WM2
WM1
91
00
1
Alarm_W (hour register)
WH20
WH10
WH8
WH4
WH2
WH1
WP/A
A1
0
1
0
Alarm_W (Day-of-week register)
–WW6
WW5
WW4
WW3
WW2
WW1
WW0
B1
0
1
1
Alarm_D (minute register)
–DM40 DM20
DM10
DM8
DM4
DM2
DM1
C1
10
0
Alarm_D (hour register)
DH20
DH10
DH8
DH4
DH2
DH1
DP/A
D1
10
1–
––
––––
E1
11
0
Control Register 1*
3
WALE DALE 12/24 SCRATCH3 TEST
CT2
CT1
CT0
F1
11
1
Control Register 2*
3
VDSL VDET SCRATCH1 XSTP SCRATCH2 CTFG WAFG DAFG
D3
D2
D1
D0
Address
A3
A2
A1
A0
Register
D4
D5
D6
D7
FUNCTIONAL DESCRIPTIONS
1. Address Mapping
*1) All the data listed above accept both reading and writing.
*2) The data marked with “–” is invalid for writing and reset to 0 for reading.
*3) When the XSTP bit is set to 1 in control register 2, all the bits are reset to 0 in oscillation adjustment register 1, control register 1 and control register 2
excluding the XSTP bit.
Data*
1


Similar Part No. - RV5C386A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A-E2 RICOH-RV5C386A-E2 Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
More results

Similar Description - RV5C386A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com