Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25RSK120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM25RSK120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM25RSK120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM25RSK120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM25RSK120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM25RSK120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM25RSK120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM25RSK120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM25RSK120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sep.1998
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V, Tj = 25°C
––1
mA
VCE = VCES, VD = 15V, Tj = 125°C–
10
mA
Emitter-Collector Voltage
VEC
-IC = 25A, VD = 15V, VCIN = 15V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 25A, Tj = 25°C
2.5
3.5
Volts
VD = 15V, VCIN = 0V, IC = 25A,
2.2
3.2
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.0
2.5
µs
trr
VD = 15V, VCIN = 0 ↔ 15V,
0.15
0.3
µs
tC(on)
VCC = 600V, IC = 25A,
0.4
1.0
µs
toff
Tj = 125°C, Inductive Load
2.0
3.0
µs
tC(off)
0.7
1.2
µs
Brake Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 10A, Tj = 25°C
2.8
3.8
Volts
VD = 15V, VCIN = 0V, IC = 10A,
2.5
3.5
Volts
Tj = 125°C
Diode Forward Voltage
VFM
-IC = 15A, VD = 15V, VCIN = 15V
2.5
3.5
Volts
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V, Tj = 25°C
––1
mA
VCE = VCES, VD = 15V, Tj = 125°C–
10
mA
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each Inverter IGBT
1.25
°C/Watt
Rth(j-c)F
Each Inverter FWDi
3.0
°C/Watt
Rth(j-c)Q
Each Brake IGBT
2.9
°C/Watt
Rth(j-c)F
Each Brake FWDi
5.4
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.038
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
0 ~ 800
Volts
VD
Applied between VUP1-VUPC,
15
± 1.5
Volts
VN1-VNC, VVP1-VVPC, VWP1-VWPC
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
UP-VUPC, VP-VVPC, WP-VWPC, UN · VN · WN · Br-VNC
4.0 ~ VD
Volts
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tdead
Input Signal
≥2.5
µs
MITSUBISHI INTELLIGENT POWER MODULES
PM25RSK120
LRAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM25RSK120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25RSK120 MITSUBISHI-PM25RSK120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
Powerex Power Semicondu...
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
More results

Similar Description - PM25RSK120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com