Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM25RSB120 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM25RSB120
Description  USING INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM25RSB120 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM25RSB120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM25RSB120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM25RSB120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM25RSB120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM25RSB120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM25RSB120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE
INSULATED PACKAGE
11
12
13
14
15
CONTROL SUPPLY VOLTAGE TRIP-RESET
LEVEL TEMPERATURE DEPENDENCY
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
150
050
100
UVt
UVr
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(Each IGBT)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)Q = 3.2
oC/W
10-2
10-3
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(Each FWDi)
101
10-1
100
101
100
10-1
10-2
10-3
SINGLE PULSE
STANDARD VALUE = Rth(j-c)D = 4.5
oC/W
10-2
10-3
1.0
0
0
1.5
2.0
2.5
3.0
FAULT OUTPUT PULSE WIDTH VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, Tj, (
oC)
-50
0
50
100
150
VD = 15V


Similar Part No. - PM25RSB120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25RSB120 MITSUBISHI-PM25RSB120 Datasheet
82Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
More results

Similar Description - PM25RSB120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com