Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DC25-73 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. DC25-73
Description  Directional Coupler 2.3-2.6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

DC25-73 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200232 Rev. A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
DC25-73, DC25-73LF: Directional Coupler 2.3–2.6 GHz
DATA SHEET
Parameter
Frequency
Min.
Typ.
Max.
Unit
Frequency
2.3
2.6
GHz
Insertion loss
0.2
0.3
dB
Isolation
30
33
dB
Input VSWR
1.1:1
1.3:1
Output VSWR
1.1:1
1.3:1
Coupling
19
18
17
dB
Coupled port VSWR
1.3:1
1.5:1
Electrical Specifications at 25 °C
ZO = 50
Ω, unless otherwise noted
Features
Low cost
Low profile
Available in small SOT-6 package
Available on tape and reel
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Description
The DC25-73 is a monolithic directional coupler tailored to the
2.3–2.6 GHz band. It offers low loss, good isolation, good
input/output matching and exceptional coupling repeatability.
It is available in the SOT-6 surface mount package.
IN
GND
Coupled
OUT
GND
GND
Pin Out
Out
Coupled
In
Block Diagram
Innovation to Go
TM
Now available for purchase online.
BUY
NOW
BUY
NOW
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NEW


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DC08-73Directional Coupler 0.3-2.7 GHz 1 2 3 4 Skyworks Solutions Inc.
DC09-73Directional Coupler 0.81-0.96 GHz 1 2 3 4 Skyworks Solutions Inc.
DC15-73Directional Coupler 1.42-1.66 GHz 1 2 3 4 Skyworks Solutions Inc.
DD02-999_06650 MHz-3 GHz Directional Detector 1 2 3 4 5 MoreSkyworks Solutions Inc.
MACPCT00148dB Directional coupler 50 Ohms 50 - 870 MHz 1 2 3 4 Tyco Electronics
ZFDC-10-1Directional Coupler 1 Mini-Circuits
ZFDC-10-5Directional Coupler 1 Mini-Circuits
ZFDC-20-5Directional Coupler 1 Mini-Circuits
DC23UHF/VHF DIRECTIONAL COUPLER 1 List of Unclassifed Manufacturers
ZX30-20-4Coaxial Directional Coupler 1 Mini-Circuits

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn