Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW4N150 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW4N150
Description  N-channel 1500V - 5廓 - 4A - TO-220/TO-247 Very high PowerMESH??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4N150 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW4N150 Datasheet HTML 5Page - STMicroelectronics STW4N150 Datasheet HTML 6Page - STMicroelectronics STW4N150 Datasheet HTML 7Page - STMicroelectronics STW4N150 Datasheet HTML 8Page - STMicroelectronics STW4N150 Datasheet HTML 9Page - STMicroelectronics STW4N150 Datasheet HTML 10Page - STMicroelectronics STW4N150 Datasheet HTML 11Page - STMicroelectronics STW4N150 Datasheet HTML 12Page - STMicroelectronics STW4N150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STP4N150 - STW4N150
Test circuit Package mechanical data
9/14
3
Test circuit Package mechanical data
Figure 16. Unclamped inductive load test
circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times


Similar Part No. - STW4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4N150 STMICROELECTRONICS-STW4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STW4N150 STMICROELECTRONICS-STW4N150 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STW4N150 STMICROELECTRONICS-STW4N150 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
logo
Inchange Semiconductor ...
STW4N150 ISC-STW4N150 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STW4N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4N150 STMICROELECTRONICS-STP4N150 Datasheet
310Kb / 11P
   N-CHANNEL 1500V - 5 - 4A TO-220/TO-247 Very High Voltage PowerMESH MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150_07 Datasheet
249Kb / 13P
   N-channel 1500V - 5廓 - 4A - TO-220FH Very high voltage PowerMESH??Power MOSFET
STW9N150 STMICROELECTRONICS-STW9N150 Datasheet
151Kb / 9P
   N-channel 1500V - 2.2廓 - 8A - TO-247 Very high voltage PowerMESH??Power MOSFET
STFV4N150 STMICROELECTRONICS-STFV4N150 Datasheet
244Kb / 10P
   N-CHANNEL 1500V - 5-ohm - 4A TO-220FH Very High Voltage PowerMESH-TM MOSFET
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
   N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
   N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com