Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SS3P5L-E387A Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SS3P5L-E387A
Description  Low VF High Current Density Surface Mount Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SS3P5L-E387A Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88987
Revision: 25-Jun-07
www.vishay.com
3
SS3P5L & SS3P6L
Vishay General Semiconductor
New Product
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
100
10
1
0.1
0.01
Instantaneous Forward Voltage (V)
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
Tj = 150 °C
Tj = 125 °C
Tj = 25 °C
100
10
1
0.1
0.01
0.001
0.0001
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)
Junction to Ambient


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn