Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q16211DLR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q16211DLR
Description  24 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q16211DLR Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q16211DLR Datasheet HTML 1Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 2Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 3Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 4Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 5Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 6Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 7Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 8Page - Texas Instruments SN74CB3Q16211DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN74CB3Q16211
24BIT SWITCH
2.5V/3.3V LOW VOLTAGE FET BUS SWITCH
SCDS167 − MAY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.6 V,
II = −18 mA
−1.8
V
IIN
Control inputs
VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
IOZ‡
VCC = 3.6 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF,
VIN = VCC or GND
±1
µA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF,
VIN = VCC or GND
1
3
mA
∆ICC§ Control inputs VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
ICCD¶
Per control
input
VCC = 3.6 V,
A and B ports open,
0.15
0.25
mA/
MHz
ICCD¶
Per control
input
Control input switching at 50% duty cycle
0.15
0.25
mA/
MHz
Cin
Control inputs
VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
3.5
5
pF
Cio(OFF)
VCC = 3.3 V,
Switch OFF,
VIN = VCC or GND,
VI/O = 5.5 V, 3.3 V, or 0
4
5
pF
Cio(ON)
VCC = 3.3 V,
Switch ON,
VIN = VCC or GND,
VI/O = 5.5 V, 3.3 V, or 0
10
12.5
pF
VCC = 2.3 V,
VI = 0,
IO = 30 mA
5
8
ron#
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 1.7 V,
IO = −15 mA
5
9
ron#
VCC = 3 V
VI = 0,
IO = 30 mA
5
6.5
VCC = 3 V
VI = 2.4 V,
IO = −15 mA
5
8
NOTE 7: VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ For I/O ports, the parameter IOZ includes the input leakage current.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
¶ This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see Figure 2).
# Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fOE||
OE
A or B
10
20
MHz
tpdk
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1.5
8
1.5
8
ns
tdis
OE
A or B
1
7.5
1
7.5
ns
|| Maximum switching frequency for control input (VO > VCC, VI = 5 V, RL ≥ 1 MΩ, CL = 0)
k The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance,
when driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CB3Q16211DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16211DLR TI-SN74CB3Q16211DLR Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
More results

Similar Description - SN74CB3Q16211DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16210 TI-SN74CB3Q16210_07 Datasheet
259Kb / 15P
[Old version datasheet]   20-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16245 TI-SN74CB3Q16245 Datasheet
101Kb / 9P
[Old version datasheet]   16-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16210 TI-SN74CB3Q16210 Datasheet
196Kb / 11P
[Old version datasheet]   20 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16811 TI-SN74CB3Q16811 Datasheet
173Kb / 12P
[Old version datasheet]   24-BIT SWITCH WITH PRECHARGED OUTPUTS 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com