Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC182PE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LBC182PE4
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182PE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LBC182PE4 Datasheet HTML 1Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 2Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 3Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 4Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 5Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 6Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 7Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 8Page - Texas Instruments SN65LBC182PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
4
www.ti.com
driver electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
V
VO
Output voltage
IO = 0
0
VCC
V
|VOD|
Differential output voltage
RL = 54 Ω,
See Figure 1
1.5
2.2
VCC
V
|VOD|
Differential output voltage
Vtest = −7 V to 12 V,
See Figure 2
1.5
2.2
VCC
V
∆VOD
Change in magnitude of differential output voltage
See Figure 1
−0.2
0.2
VOC(SS)
Steady-state common-mode output voltage
See Figure 1
1
3
V
∆VOC(SS)
Change in steady-state common-mode output
voltage
See Figures 1 and 4
−0.2
0.2
V
VOC(PP)
Peak-to-peak change in common-mode output
voltage during state transitions
See Figures 1 and 4
0.8
V
IOZ
High-impedance output current
See receiver input currents
IIH
High-level input current (D, DE)
VI = 2.4 V
50
µA
IIL
Low-level input current (D, DE)
VI = 0.4 V
−50
µA
IOS
Short-circuit output current
VO = −7 V to 12 V
−250
250
mA
ICC
Supply current
SN75LBC182
No load, DE at VCC,
RE at VCC
12
25
mA
ICC
Supply current
SN65LBC182
No load, DE at VCC,
RE at VCC
12
30
mA
† All typical values are at VCC = 5 V and TA = 25°C.
driver switching characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Differential output signal rise time
0.25
0.72
1.2
tf
Differential output signal fall time
RL = 54 Ω,
CL = 50 pF,
0.25
0.73
1.2
tPLH
Propagation delay time, low-to-high-level output
RL = 54 Ω,
See Figure 3
CL = 50 pF,
1.3
µs
tPHL
Propagation delay time, high-to-low-level output
See Figure 3
1.3
µs
tsk(p)
Pulse skew (tPHL − tPLH)
0.075
0.15
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 5
3.5
s
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 5
3.5
µs
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 6
3.5
s
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 6
3.5
µs


Similar Part No. - SN65LBC182PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC182PE4 TI-SN65LBC182PE4 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC182PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com