Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LV8154 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN74LV8154
Description  DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8154 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV8154_07 Datasheet HTML 1Page - Texas Instruments SN74LV8154_07 Datasheet HTML 2Page - Texas Instruments SN74LV8154_07 Datasheet HTML 3Page - Texas Instruments SN74LV8154_07 Datasheet HTML 4Page - Texas Instruments SN74LV8154_07 Datasheet HTML 5Page - Texas Instruments SN74LV8154_07 Datasheet HTML 6Page - Texas Instruments SN74LV8154_07 Datasheet HTML 7Page - Texas Instruments SN74LV8154_07 Datasheet HTML 8Page - Texas Instruments SN74LV8154_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74LV8154
DUAL 16BIT BINARY COUNTERS
WITH 3STATE OUTPUT REGISTERS
SCLS589 − AUGUST 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
VCC
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
2 V
1.5
VIH
High-level input voltage
3 V to 3.6 V
VCC × 0.7
V
VIH
High-level input voltage
4.5 V to 5.5 V
VCC × 0.7
V
2 V
0.5
VIL
Low-level input voltage
3 V to 3.6 V
VCC × 0.3
V
VIL
Low-level input voltage
4.5 V to 5.5 V
VCC × 0.3
V
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3-state
0
5.5
V
2 V
−50
µA
Yn outputs
3 V to 3.6 V
−6
mA
IOH
High-level output current
Yn outputs
4.5 V to 5.5 V
−12
mA
IOH
High-level output current
2 V
−50
µA
RCOA
3 V to 3.6 V
−6
mA
RCOA
4.5 V to 5.5 V
−12
mA
2 V
50
µA
Yn outputs
3 V to 3.6 V
6
mA
IOL
Low-level output current
Yn outputs
4.5 V to 5.5 V
12
mA
IOL
Low-level output current
2 V
50
µA
RCOA
3 V to 3.6 V
6
mA
RCOA
4.5 V to 5.5 V
12
mA
∆t/∆v
Input transition rise or fall rate
3 V to 3.6 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
4.5 V to 5.5 V
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn