Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q16211DL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q16211DL
Description  24 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q16211DL Datasheet(HTML) 3 Page - Texas Instruments

  SN74CB3Q16211DL Datasheet HTML 1Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 2Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 3Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 4Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 5Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 6Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 7Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 8Page - Texas Instruments SN74CB3Q16211DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SN74CB3Q16211
24BIT SWITCH
2.5V/3.3V LOW VOLTAGE FET BUS SWITCH
SCDS167 − MAY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each 12-bit bus switch)
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
logic diagram (positive logic)
1A1
SW
1B1
1A12
1OE
SW
1B12
2A1
SW
2B1
2A12
2OE
SW
2B12
2
14
56
15
28
55
54
42
41
29
Pin numbers shown are for the DGG, DGV, and DL packages.
simplified schematic, each FET switch (SW)
A
EN†
B
† EN is the internal enable signal applied to the switch.
Charge
Pump
VCC


Similar Part No. - SN74CB3Q16211DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16211DL TI-SN74CB3Q16211DL Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
SN74CB3Q16211DLR TI-SN74CB3Q16211DLR Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
More results

Similar Description - SN74CB3Q16211DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16210 TI-SN74CB3Q16210_07 Datasheet
259Kb / 15P
[Old version datasheet]   20-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16245 TI-SN74CB3Q16245 Datasheet
101Kb / 9P
[Old version datasheet]   16-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16210 TI-SN74CB3Q16210 Datasheet
196Kb / 11P
[Old version datasheet]   20 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16811 TI-SN74CB3Q16811 Datasheet
173Kb / 12P
[Old version datasheet]   24-BIT SWITCH WITH PRECHARGED OUTPUTS 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q3244 TI1-SN74CB3Q3244_15 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A_1 Datasheet
429Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3245 TI-SN74CB3Q3245_05 Datasheet
823Kb / 20P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244_09 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3345 TI1-SN74CB3Q3345_15 Datasheet
1,012Kb / 19P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244 TI-SN74CB3Q16244 Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com