Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT352 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT352
Description  QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT352 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDT352 Datasheet HTML 2Page - Texas Instruments SN65LVDT352 Datasheet HTML 3Page - Texas Instruments SN65LVDT352 Datasheet HTML 4Page - Texas Instruments SN65LVDT352 Datasheet HTML 5Page - Texas Instruments SN65LVDT352 Datasheet HTML 6Page - Texas Instruments SN65LVDT352 Datasheet HTML 7Page - Texas Instruments SN65LVDT352 Datasheet HTML 8Page - Texas Instruments SN65LVDT352 Datasheet HTML 9Page - Texas Instruments SN65LVDT352 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN65LVDS348, SN65LVDT348
SN65LVDS352, SN65LVDT352
SLLS523D – FEBRUARY 2002 – REVISED FEBRUATY 2003
6
www.ti.com
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH1
Positive-going differential input voltage
threshold
See Figure 1 and Figure 2
50
mV
VITH2
Negative-going differential input voltage
threshold
See Figure 1 and Figure 2
–50
mV
VITH3
Differential input failsafe voltage threshold
See Figure 1 and Table 1
–32
–100
mV
VID(HYS)
Differential input voltage hysteresis,
VITH1 – VITH2
50
mV
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
LVDS348,
Enabled, EN at VCC, EN at 0 V, No load
16
20
mA
I
Supply current
LVDS348,
LVDT348
Disabled, EN at 0 or EN at VCC
1.1
4
mA
ICC
Supply current
LVDS352,
Enabled, EN at VCC, No load
16
20
mA
LVDS352,
LVDT352
Disabled, EN at 0
1.1
4
mA
LVDS348
VI = –4 V,
Other input open
–75
0
LVDS348,
LVDS352
0 V
≤ VI ≤ 2.4 V,
Other input 1.2 V
–20
0
µA
I
Input current (RIN+, RIN–,
LVDS352
VI = 5 V,
Other input open
0
40
µA
II
In ut current (RIN+, RIN ,
A or B inputs)
LVDT348
VI = –4 V,
Other input open
–150
0
LVDT348,
LVDT352
0 V
≤ VI ≤ 2.4 V,
Other input open
–40
0
µA
LVDT352
VI = 5 V,
Other input open
0
80
µA
LVDS348,
VCC = 1.5 V,
Other input open
VI = –4 V or 5 V,
–50
50
A
I
Power–off input current (RIN+,
LVDS348,
LVDS352
VCC = 1.5 V,
Other input at 1.2 V
0 V
≤ VI ≤ 2.4 V,
–20
20
µA
II(OFF)
Power off in ut current (RIN+,
RIN–, A or B inputs)
LVDT348,
VCC = 1.5 V,
Other input open
VI = –4 V or 5 V,
–100
100
A
LVDT348,
LVDT352
VCC = 1.5 V,
Other input open
VI = 0 V or 2.4 V,
–40
40
µA
IID
Differential input current
(IRIN+ – IRIN–, or IIA – IIB)
LVDS348,
LVDS352
VID = 100 mV,
VIC = –3.9 V or 4.9 V
–4
4
µA
RT
Differential input resistance
LVDT348,
LVDT352
VCC = 0 V,
VI = 0 V to 2.4 V
VID = 250 mV,
90
111
132
IIH
High-level input current
Enables
VIH = 2 V
0
10
µA
IIL
Low-level input current
Enables
VIL = 0.8 V
0
10
µA
IOZ
High-impedance output current
VO = 0 V
–10
10
µA
CIN
Input capacitance, RIN+, RIN– input to GND
or A or B input to AGND
VI = 0.4 sin (4E6πft) + 0.5 V
5
pF
† All typical values are at 25
°C and with a 3.3-V supply.


Similar Part No. - SN65LVDT352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI1-SN65LVDT352 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352PW TI1-SN65LVDT352PW Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352PWR TI1-SN65LVDT352PWR Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT352

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS348 TI1-SN65LVDS348_15 Datasheet
874Kb / 28P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com