Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC182 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC182
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC182 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC182 Datasheet HTML 3Page - Texas Instruments SN75LBC182 Datasheet HTML 4Page - Texas Instruments SN75LBC182 Datasheet HTML 5Page - Texas Instruments SN75LBC182 Datasheet HTML 6Page - Texas Instruments SN75LBC182 Datasheet HTML 7Page - Texas Instruments SN75LBC182 Datasheet HTML 8Page - Texas Instruments SN75LBC182 Datasheet HTML 9Page - Texas Instruments SN75LBC182 Datasheet HTML 10Page - Texas Instruments SN75LBC182 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
7
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
tPHZ
1.5 V
2.3 V
0.5 V
0 V
3 V
tPZH
Output
Input
1.5 V
S1
0 or 3 V
Output
CL = 50 pF
(see Note B)
TEST CIRCUIT
50
VOH
Voff ≈ 0 V
RL = 110 Ω
Generator
(see Note A)
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1.25 kHz, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 5. Driver tPZH and tPHZ Test Circuit and Voltage Waveforms
VOLTAGE WAVEFORMS
5 V
VOL
0.5 V
tPZL
3 V
0 V
tPLZ
2.3 V
1.5 V
Output
Input
TEST CIRCUIT
Output
RL = 110 Ω
5 V
S1
CL = 50 pF
(see Note B)
50
0 or 3 V
Generator
(see Note A)
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR = 1.25 kHz, 50% duty cycle, tr ≤ 10 ns,
tf ≤ 10 ns, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 6. Driver tPZL and tPLZ Test Circuit and Voltage Waveforms
R
50 pF
(see Note A)
VO
A
Input
Output
3 V
0 V
Inputs
Output
IO
VID
1.5 V
B
RE
VI
II
tPLH
tPHL
tr
tf
1.5 V
VOH
VOL
50%
90%
10%
50%
90%
10%
50%
NOTE A: This value includes probe and jig capacitance (
± 10%).
Figure 7. Receiver tPLH and tPHL Test Circuit and Voltage Waveforms


Similar Part No. - SN75LBC182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC182 TI-SN75LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182 TI-SN75LBC182 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182 TI-SN75LBC182 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182D TI-SN75LBC182D Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN75LBC182D TI-SN75LBC182D Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN75LBC182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_08 Datasheet
456Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com