Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHCT138PWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT138PWRG4
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT138PWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHCT138PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 9Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 10Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 11Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 12Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 13Page - Texas Instruments SN74AHCT138PWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AHCT138PWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AHCT138RGYR
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SN74AHCT138RGYRG4
ACTIVE
QFN
RGY
16
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
SNJ54AHCT138FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54AHCT138J
ACTIVE
CDIP
J
16
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54AHCT138W
ACTIVE
CFP
W
16
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Similar Part No. - SN74AHCT138PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT138PWRG4 TI-SN74AHCT138PWRG4 Datasheet
1Mb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74AHCT138PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com