Electronic Components Datasheet Search |
|
74ALVTH162244VRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
74ALVTH162244VRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 16 page SN54ALVTH162244, SN74ALVTH162244 2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCES074E – JUNE 1996 - REVISED JANUARY 1999 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D State-of-the-Art Advanced BiCMOS Technology (ABT) Widebus ™ Design for 2.5-V and 3.3-V Operation and Low Static Power Dissipation D Support Mixed-Mode Signal Operation (5-V Input and Output Voltages With 2.3-V to 3.6-V VCC) D Typical VOLP (Output Ground Bounce) < 0.8 V at VCC = 3.3 V, TA = 25°C D Power Off Disables Outputs, Permitting Live Insertion D High-Impedance State During Power Up and Power Down Prevents Driver Conflict D Uses Bus Hold on Data Inputs in Place of External Pullup/Pulldown Resistors to Prevent the Bus From Floating D Output Ports Have Equivalent 30-Ω Series Resistors, So No External Resistors Are Required D Auto3-State Eliminates Bus Current Loading When Output Exceeds VCC + 0.5 V D Latch-Up Performance Exceeds 250 mA Per JESD 17 D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model; and Exceeds 1000 V Using Charged-Device Model, Robotic Method D Flow-Through Architecture Facilitates Printed Circuit Board Layout D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Package Options Include Plastic Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), Thin Very Small-Outline (DGV) Packages, and 380-mil Fine-Pitch Ceramic Flat (WD) Package NOTE: For order entry: The DGG package is abbreviated to G, and the DGV package is abbreviated to V. description The ’ALVTH162244 devices are 16-bit buffers/line drivers designed for low-voltage 2.5-V or 3.3-V VCC operation, but with the capability to provide a TTL interface to a 5-V system environment. Copyright © 1999, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54ALVTH162244 . . . WD PACKAGE SN74ALVTH162244 . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Y1 1Y2 GND 1Y3 1Y4 VCC 2Y1 2Y2 GND 2Y3 2Y4 3Y1 3Y2 GND 3Y3 3Y4 VCC 4Y1 4Y2 GND 4Y3 4Y4 4OE 2OE 1A1 1A2 GND 1A3 1A4 VCC 2A1 2A2 GND 2A3 2A4 3A1 3A2 GND 3A3 3A4 VCC 4A1 4A2 GND 4A3 4A4 3OE UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Widebus is a trademark of Texas Instruments Incorporated. |
Similar Part No. - 74ALVTH162244VRG4 |
|
Similar Description - 74ALVTH162244VRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |