Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4744 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4744
Description  1.0 Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4744 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SMA4744 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4744 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4744 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4744 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 587 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted) VF=1.2V max, IF=200mA for all types.
Device
Nominal Zener Voltage
Test
Surge Current @
Device
Marking
Vz @ Izt
Current
TA = 25
OC
(Note 1)
Code
Voltage
IZT
ZZT @ IZT
Ir - mA
(Notes 2 & 3)
mA
Ohms
Ohms
mA
uA Max
Volts
(Note 5)
1SMA4741
741A
11
23
8
700
0.25
5.0
8.4
414
1SMA4742
742A
12
21
9
700
0.25
5.0
9.1
380
1SMA4743
743A
13
19
10
700
0.25
5.0
9.9
344
1SMA4744
744A
15
17
14
700
0.25
5.0
11.4
304
1SMA4745
745A
16
15.5
16
700
0.25
5.0
12.2
285
1SMA4746
746A
18
14.0
20
750
0.25
5.0
13.7
250
1SMA4747
747A
20
12.5
22
750
0.25
5.0
15.2
225
1SMA4748
748A
22
11.5
23
750
0.25
5.0
16.7
205
1SMA4749
749A
24
10.5
25
750
0.25
5.0
18.2
190
1SMA4750
750A
27
9.5
35
750
0.25
5.0
20.6
170
1SMA4751
751A
30
8.5
40
1000
0.25
5.0
22.8
150
1SMA4752
752A
33
7.5
45
1000
0.25
5.0
25.1
135
1SMA4753
753A
36
7.0
50
1000
0.25
5.0
27.4
125
1SMA4754
754A
39
6.5
60
1000
0.25
5.0
29.7
115
1SMA4755
755A
43
6.0
70
1500
0.25
5.0
32.7
110
1SMA4756
756A
47
5.5
80
1500
0.25
5.0
35.8
95
1SMA4757
757A
51
5.0
95
1500
0.25
5.0
38.8
90
1SMA4758
758A
56
4.5
110
2000
0.25
5.0
42.6
80
1SMA4759
759A
62
4.0
125
2000
0.25
5.0
47.1
70
1SMA4760
760A
68
3.7
150
2000
0.25
5.0
51.7
65
1SMA4761
761A
75
3.3
175
2000
0.25
5.0
56.0
60
1SMA4762
762A
82
3.0
200
3000
0.25
5.0
62.2
55
1SMA4763
763A
91
2.8
250
3000
0.25
5.0
69.2
50
1SMA4764
764A
100
2.5
350
3000
0.25
5.0
76.0
45
1SMA110Z
110A
110
2.3
450
4000
0.25
5.0
83.6
-
1SMA120Z
120A
120
2.0
550
4500
0.25
5.0
91.2
-
1SMA130Z
130A
130
1.9
700
5000
0.25
5.0
98.8
-
1SMA150Z
150A
150
1.7
1000
6000
0.25
5.0
114.0
-
1SMA160Z
160A
160
1.6
1100
6500
0.25
5.0
121.6
-
1SMA180Z
180A
180
1.4
1200
7000
0.25
5.0
136.8
-
1SMA200Z
200A
200
1.2
1500
8000
0.25
5.0
152.0
-
Notes: 1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance
on the nominal zener voltage of ±5%.
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances.
B. Matched sets.
3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds while
maintaining the lead temperature (TL) at 30
oC± 1oC, from the diode body.
4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage,
which results when an ac current having and rms value equal to 10% of the dc
zener current (IZT or IZK) is superimposed on IZT or IZK.
5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak,
non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second
duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability
is as described in Figure 10.
Maximum Zener Impedance (Note 4)
Leakage Current
ZZK @ IZK
IR @ VR
Version: B07


Similar Part No. - 1SMA4744

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4744 TRSYS-1SMA4744 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4744 TSC-1SMA4744 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4744 TSC-1SMA4744 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA4744 TSC-1SMA4744 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4744 CDIL-1SMA4744 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4744

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
Shenzhen Luguang Electr...
1SMA5926 LUGUANG-1SMA5926 Datasheet
212Kb / 4P
   1.Watts Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com