Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4757A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4757A
Description  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4757A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4757A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4757A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FIG.1- POWER TEMPERATURE DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
FIG.5- TYPICAL LEAKAGE CURRENT
FIG.4- EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
AMBIENT TEMPERATURE( C)
o
V FORWARD VOLTAGE (VOLTS)
F
,
I,
Z
ZENER CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
V,
Z
NOMINAL ZENER VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
47V
27V
0.8V
0.1
0.25
0.50
0.75
1.0
1.25
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
2.0
5.0
10
20
50
100
200
500
1000
1.0
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
I = 1.0mA
Z
5.0mA
20mA
2.0
3.0
5.0 7.0 10
20
30
50 70 100
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+125 C
o
+25 C
o
3.0
4.0
5.0 6.0
7.0
8.0
9.0
10
11
12
13
14
15
0.001
0.002
0.005
0.007
0.01
0.02
0.05
0.07
0.1
0.2
0.5
0.7
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
2000
5000
7000
10000
MINIMUM
MAXIMUM
70 C
o
150 C
o
25 C
o
0C
o
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
2.0
5.0
10
20
50
100
200
500
1000
RATINGS AND CHARACTERISTIC CURVES (
)
1N4741A THRU 1M200Z
Version: B07


Similar Part No. - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4757A VISHAY-1N4757A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4757A VISHAY-1N4757A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Weitron Technology
1N4757A WEITRON-1N4757A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Fairchild Semiconductor
1N4757A FAIRCHILD-1N4757A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Suntan Capacitors
1N4757A SUNTAN-1N4757A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

Similar Description - 1N4757A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com