Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4933G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. 1N4933G
Description  1.0 AMP. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4933G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4933G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4933G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 440 -
1N4933G THRU 1N4937G
1.0 AMP. Glass Passivated Fast Recovery Rectifiers
Voltage Range
50 to 600 Volts
Current
1.0 Ampere
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic DO-41
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.34gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
1N
4933G
1N
4934G
1N
4935G
1N
4936G
1N
4937G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @TA = 75
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
at Rated DC Blocking Voltage @ TA=125
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
200
nS
Typical Junction Capacitance
( Note 2 )
Cj
10
pF
Typical Thermal Resistance (Note 3)
R
θJA
65
℃/W
Operating Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +150
Notes: 1. Reverse Recovery Test Conditions: IF=1.0A, VR=30V, di/dt=50A/uS, Irr=10%
IRM for Measurement of trr.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N4933_11.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
DB101GSingle Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001G1.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001G_11.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001GP1.0 AMP. Glass Passivated Junction Plastic Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001SG_11.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N49331.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
EGF1A_01Fast Rectifiers Glass Passivated 1 2 3 Fairchild Semiconductor
EF10C01C-GGlass Passivated Efficient Fast Recovery Rectifier 1 2 Comchip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn