Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4933G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. 1N4933G
Description  1.0 AMP. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4933G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4933G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4933G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 441 -
RATINGS AND CHARACTERISTIC CURVES (1N4933G THRU 1N4937G)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
2.0
0.6
0.8
1.0
1.2
1.4
0.03
0.1
0.3
1
10
20
3
0.01
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
20
10
1
REVERSE VOLTAGE. (V)
Tj=25 C
0
f=1 MHz
Vsig=50mVp-p
FIG.6- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=25 C
0
TJ=100 C
0
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
0
50
75
100
125
150
175
1
0.8
0.6
0.4
0.2
0
AMBIENT TEMPERATURE. ( C)
o
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
2
4
10
20
60 80
6
8
40
100
20
10
0
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
TJ=75 C
0
1.0 CYCLE
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
4
IR
VR
0.1 F
m
NI
10K OHM/ZW
117 V
60 HZ
2
1
0.1
F
m
IF
1.4 CEM
3.8 uH
D.U.T.
OUTPUT.
SCOPE
1OHM
10 W
NI
30 OHM/30 W NI


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N4933_11.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
DB101GSingle Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001G1.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001G_11.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001GP1.0 AMP. Glass Passivated Junction Plastic Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4001SG_11.0 AMP. Glass Passivated Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N49331.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
EGF1A_01Fast Rectifiers Glass Passivated 1 2 3 Fairchild Semiconductor
EF10C01C-GGlass Passivated Efficient Fast Recovery Rectifier 1 2 Comchip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn