Electronic Components Datasheet Search |
|
1N4933 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4933 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page Dimensions in inches and (millimeters) Version: A06 1N4933 - 1N4937 1.0 AMP. Fast Recovery Rectifiers DO-41 Features High efficiency, Low VF High current capability High reliability High surge current capability Low power loss. Mechanical Data Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, Lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260oC/10 seconds/.375”,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Weight: 0.34gram Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol 1N 4933 1N 4934 1N 4935 1N 4936 1N 4937 Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 V Maximum RMS Voltage VRMS 35 70 140 280 420 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 V Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length @TA = 50 oC I(AV) 1.0 A Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) IFSM 30 A Maximum Instantaneous Forward Voltage @ 1.0A VF 1.2 V Maximum DC Reverse Current @ TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC IR 5.0 150 uA uA Maximum Reverse Recovery Time ( Note 1 ) Trr 200 nS Typical Junction Capacitance ( Note 2 ) Cj 10 pF Typical Thermal Resistance RθJA 65 oC/W Operating Temperature Range TJ -65 to +150 oC Storage Temperature Range TSTG -65 to +150 oC Notes: 1. Reverse Recovery Test Conditions: IF=1.0A, VR=30V, di/dt=50A/uS, Irr=10% IRM for Measurement of trr . 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B. |
Similar Part No. - 1N4933_1 |
|
Similar Description - 1N4933_1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |