Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4933 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. 1N4933
Description  1.0 AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4933 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4933_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4933_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
120
140
10
20
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE
VOLTAGE. (%)
Tj=125 C
0
Tj=75 C
0
Tj=25 C
0
RATINGS AND CHARACTERISTIC CURVES (1N4933 THRU
)
1N4937
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
30
20
10
0
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL REVERSE CHARACTERISTICS
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
1
10
0.1
FORWARD VOLTAGE. (V)
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
10
1
100
REVERSE VOLTAGE. (V)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
125
175
150
100
1.0
0.75
0.5
0.25
0
AMBIENT TEMPERATURE. ( C)
o
0.375" (9.5mm) LEAD LENGTH
RESISTIVE OR
INDUCTIVE LOAD
Tj=25 C
0
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
Version: A06
4
IR
VR
0.1 F
m
NI
10K OHM/ZW
117 V
60 HZ
2
1
0.1
F
m
IF
1.4 CEM
3.8 uH
D.U.T.
OUTPUT.
SCOPE
1 OHM
10 W
NI
30 OHM/30 W NI


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N49331.0 AMP. Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RS1AL0.8 AMP. Surface Mount Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RSFAL_10.5 AMP. Surface Mount Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4933G1.0 AMP . FAST RECOVERY RECTIFIERS 1 2 Jinan Gude Electronic Device
SPD56151.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 2 Solid States Devices, Inc
RS2A2.0 AMPS. Fast Recovery Surface Mount Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
30DF1FAST RECOVERY RECTIFIERS 1 2 List of Unclassifed Manufacturers
RS2A_12.0 AMPS. Surface Mount Fast Recovery Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
1N4942_04VOIDLESS-HERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS 1 2 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn