Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK591024AS Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK591024AS
Description  1,048,576 Word X 9 bit, CMOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK591024AS Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK591024AS Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK591024AS Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ORDERING INFORMATION
PART NUMBER CODING INTERPRETATION
Position
12345678
1
Product
AK
= Accutek Memory
2
Type
4
= Dynamic RAM
5
= CMOS Dynamic RAM
6
= Static RAM
3
Organization/Word Width
1 = by 1
16 = by 16
4 = by 4
32 = by 32
8 = by 8
36 = by 36
9 = by 9
4
Size/Bits Depth
64
=
64K
4096
= 4 MEG
256 =
256K
8192
= 8 MEG
1024 =
1 MEG
16384
= 16 MEG
5
Package Type
G = Single In-Line Package (SIP)
S = Single In-Line Module (SIM)
D = Dual In-Line Package (DIP)
W = .050 inch Pitch Edge Connect
Z = Zig-Zag In-Line Package (ZIP)
6
Special Designation
P = Page Mode
N = Nibble Mode
K = Static Column Mode
W = Write Per Bit Mode
V = Video Ram
7
Separator
- = Commercial 0
0Cto+700C
M = Military Equivalent Screened
(-55
0C to +1250C)
I = Industrial Temperature Tested
(-45
0Cto+850C)
X = Burned In
8
Speed (first two significant digits)
DRAMS
SRAMS
50 = 50 nS
8 =
8 nS
60 = 60 nS
10 =
10 nS
70 = 70 nS
12 =
12 nS
80 = 80 nS
15 =
15 nS
0.100
TYP
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT
2 NEW PASTURE ROAD, SUITE 1
NEWBURYPORT, MA 01950-4054
VOICE:
978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet:
www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibil-
ity for the use of any circuitry described; no circuit patent licenses
are implied. Preliminary data sheets contain minimum and maxi-
mum limits based upon design objectives, which are subject to
change upon full characterization over the specific operating condi-
tions.
MECHANICAL DIMENSIONS
Inches
The numbers and coding on this page do not include all variations
available but are show as examples of the most widely used variations.
Contact Accutek if other information is required.
EXAMPLES:
AK591024AGP-60
1 Meg x 9, 60 nSEC, DRAM, SIP Configuration, 30 Pin
AK591024ASP-70
1 Meg x 9, 70 nSEC, DRAM, SIM Configuration, 30 Pin


Similar Part No. - AK591024AS

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK591024AS ACCUTEK-AK591024AS Datasheet
89Kb / 2P
   Dynamic Random Access Memory
AK591024AS ACCUTEK-AK591024AS_09 Datasheet
89Kb / 2P
   Dynamic Random Access Memory
More results

Similar Description - AK591024AS

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK491024S ACCUTEK-AK491024S Datasheet
88Kb / 2P
   1,048,576 Word x 9 Bit CMOS Dynamic Random Access Memory
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK594096AS ACCUTEK-AK594096AS Datasheet
87Kb / 2P
   4,194,304 Word x 9 Bit CMOS Dynamic Random Access Memory
AK5321024N ACCUTEK-AK5321024N Datasheet
164Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5321024W ACCUTEK-AK5321024W Datasheet
71Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW Datasheet
71Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW Datasheet
72Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK481024S ACCUTEK-AK481024S Datasheet
84Kb / 2P
   1,048,576 x 8 Bit CMOS Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG Datasheet
85Kb / 2P
   1,048,576 x 8 bit CMOS Dynamic Random Access Memory
AK5361024W ACCUTEK-AK5361024W Datasheet
99Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com