Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK491024S Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK491024S
Description  1,048,576 Word x 9 Bit CMOS Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK491024S Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK491024S Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK491024S Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK491024 high density memory module is a random
access memory organized in 1 Meg x 9 bit words. The assembly
consists of nine standard 1 Meg x 1 DRAMs in plastic leaded chip
carriers (SOJ) mounted on the front side of a printed circuit board.
The module can be configured as a leadless 30 pad SIM or a leaded
30 pin SIP. This packaging approach provides a 6 to 1 density in-
crease over standard DIP packaging.
The operation of the AK491024 is identical to nine 1 Meg x 1
DRAMs. For the lower eight bits data input is tied to the data output
and brought out separately for each device, with common RAS,
CAS control.
This common I/O feature dictates the use of
early-write cycles to prevent contention of D and Q. Since the
Write-Enable (WE) signal must always go low before CAS in a write
cycle, Read-Write and Read-Modify-Write operation is not possible.
For the ninth bit, the data input (D9) and the data output (Q9) pins are
brought out separately and controlled by a separate PCAS for that
bit. Bit nine is generally used for parity.
FEATURES
· 1,048,576 x 9 bit organization
· Optional 30 Pad leadless SIM (Single In-Line Module) or 30
Pin leaded SIP (Single In-Line Package)
· JEDEC standard pinout
· Common CAS and RAS control for the lower eight bits
· Separate PCAS control for D9 and Q9
· CAS-before-RAS refresh
· Power
3.465 Watt Max Active (80 nSEC)
2.97 Watt Max Active (100 nSEC)
2.475 Watt Max Active (120 nSEC)
49.5 mW Max Standby
· Operating free air temperature 0
0Cto700C
· Upward compatible with AK594096 and AK5916384
· Downward compatible with AK49256
Accutek
Microcircuit
Corporation
AK491024S / AK491024G
1,048,576 Word x 9 Bit CMOS
Dynamic Random Access Memory
1
30
1
Front View
30-Pin SIM
30-Pin SIP
PIN NOMENCLATURE
DQ1 -DQ8
Data In / Data Out
D9
Data In 9
Q9
Data Out 9
A0 -A9
Address Inputs
CAS, PCAS
Column Address Strobe
RAS
Row Address Strobe
WE
Write Enable
Vcc
5v Supply
Vss
Ground
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK491024S
Leaded SIP: AK491024G
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
1
Vcc
16
DQ5
2
CAS
17
A8
3
DQ1
18
A9
4A0
19
NC
5
A1
20
DQ6
6
DQ2
21
WE
7
A2
22
Vss
8
A3
23
DQ7
9
Vss
24
NC
10
DQ3
25
DQ8
11
A4
26
Q9
12
A5
27
RAS
13
DQ4
28
PCAS
14
A6
29
D9
15
A7
30
Vcc
FUNCTIONAL DIAGRAM


Similar Part No. - AK491024S

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK491024S ACCUTEK-AK491024S Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK491024S ACCUTEK-AK491024S Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK491024S ACCUTEK-AK491024S Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK491024S ACCUTEK-AK491024S Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK491024S ACCUTEK-AK491024S Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK491024S

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK591024AS ACCUTEK-AK591024AS Datasheet
99Kb / 2P
   1,048,576 Word X 9 bit, CMOS Dynamic Random Access Memory
logo
Hitachi Semiconductor
HM514400B HITACHI-HM514400B Datasheet
235Kb / 27P
   1,048,576-word X 4-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK594096AS ACCUTEK-AK594096AS Datasheet
87Kb / 2P
   4,194,304 Word x 9 Bit CMOS Dynamic Random Access Memory
AK5321024N ACCUTEK-AK5321024N Datasheet
164Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5321024W ACCUTEK-AK5321024W Datasheet
71Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW Datasheet
71Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW Datasheet
72Kb / 2P
   1,048,576 Word by 32 Bit CMOS Dynamic Random Access Memory
AK481024S ACCUTEK-AK481024S Datasheet
84Kb / 2P
   1,048,576 x 8 Bit CMOS Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG Datasheet
85Kb / 2P
   1,048,576 x 8 bit CMOS Dynamic Random Access Memory
AK5361024W ACCUTEK-AK5361024W Datasheet
99Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com