Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK10D300-MSOP Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK10D300-MSOP
Description  4 Pin to 14 Pin DIP Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK10D300-MSOP Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK10D300-MSOP Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-MSOP Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-MSOP Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-MSOP Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK10D300-MSOP Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.385"
0.165"
0.385"
0.165"
0.300"
0.200"
0.125"
AK04D300-SOT
0.075"
0.075"
0.080"
0.400"
0.300"
0.300"
0.125"
AK06D300-SOT
0.080"
0.400"
0.100"
0.038"
0.300"
0.400"
0.125"
AK08D300-SOT
0.080"
0.400"
0.025"
0.170"
0.070"
0.300"
0.300"
0.125"
AK06D300-QSOP
0.080"
0.400"
0.070" 0.170"
0.025"
PAGE 2 ACCUTEKMICRO.COM 12/2004 (DA02)
0.300"
0.400"
AK08D300-QSOP
0.400"
0.025"
(.65mm)
0.125"
0.110"
0.300"
0.400"
AK08D300-TSOP
0.400"
(.65mm)
0.125"
0.080"
0.025"
0.100"
0.100"
0.100"
0.100"
0.100"
0.100"
4 PIN SOT TO DIP
6 PIN SOT TO DIP
6 PIN QSOP TO DIP
8 PIN SOT TO DIP
8 PIN QSOP & SSOP TO DIP
8 PIN TSOP & SSOP TO DIP


Similar Part No. - AK10D300-MSOP

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK10D300-MSOP ACCUTEK-AK10D300-MSOP Datasheet
68Kb / 2P
   Micro Small Outline Package MSOP DIP Adapters
More results

Similar Description - AK10D300-MSOP

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT_13 Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com