Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TIC266 Datasheet(PDF) 4 Page - Power Innovations Ltd

Part No. TIC266
Description  SILICON TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC266 Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIC266 Datasheet HTML 1Page - Power Innovations Ltd TIC266 Datasheet HTML 2Page - Power Innovations Ltd TIC266 Datasheet HTML 3Page - Power Innovations Ltd TIC266 Datasheet HTML 4Page - Power Innovations Ltd TIC266 Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIC266 SERIES
SILICON TRIACS
4
JULY 1991 - REVISED MARCH 1997
PRODUCT
INFORMATION
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
1
2
3
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MAC12HCD Triacs Silicon Bidirectional Thyristors 1  2  3  4  5  More ON Semiconductor
2N5754 2.5-A Silicon Triacs 1  2  3  4  Solid State Optronic
T4120 Triacs Silicon Bidirectional Triode Thyristors 1  2  Motorola, Inc
MAC4DLM Sensitive Gate Triacs Silicon Bidirectional Thyristors 1  2  3  4  5  More ON Semiconductor
T2320 2.5-A SENSITIVE GATE SILICON TRIACS 1  2  3  4  List of Unclassifed Manufacturers
TIC201 SILICON TRIACS 1  2  3  4  Power Innovations Ltd
TR16 SILICON TRIACS 1  2  3  Transys Electronics
TIC206 SILICON TRIACS 1  2  3  4  5  Power Innovations Ltd
TR25 SILICON TRIACS 1  2  3  Transys Electronics
TIC216 SILICON TRIACS 1  2  3  4  Power Innovations Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn