Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK08D-LLP4X4 Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK08D-LLP4X4
Description  4 Pin to 14 Pin DIP Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK08D-LLP4X4 Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK08D-LLP4X4 Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D-LLP4X4 Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D-LLP4X4 Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D-LLP4X4 Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK08D-LLP4X4 Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
This new family of Accutek DIP Adapter Modules converts surface
mount IC’s to pin compatible DIP packages for creating drop-in re-
placements for end-of-life DIP IC’s. Package types supported are:
SOJ, PLCC, SOIC, SOP, TSOP, QSOP, HSOP, MSOP, LLP
(Leadless Leadframe Package), CSP (Chip Scale Package) and
CLCC.
These DIP Adapters were developed for users with motherboard
designs that require DIP’s, now obsoleted by manufacturers. These
adapter modules save costly motherboard redesigns.
Available with machined or flat contact pins. Accutek DIP Adapter
Modules feature 4 to 84 pins, are fully assembled and tested and
may include a decoupling capacitor. These DIP Adapters can be
manufactured turnkey or from customer supplied surface mount
chips. Modules range in length from 0.200” to 4.200” depending on
number of pins and incorporate 0.300”, 0.400”, 0.600”, 0.900",
1.200" and 1.400" row-to-row spacing with 0.100” lead spacing.
Custom configurations up to 200 pins, multi-chip and double sided
modules are also available for special functions. A variety of pin
lengths with varying diameters as well as custom sizes and spacing
can be specified with different materials and finishes. All modules
are designed in-house using PCB CAD workstations. Automated
assembly and 100% testing are also performed in-house.
FEATURES
· Saves costly redesign of current motherboards
· Fully tested with lifetime limited warranty
· May include an on board decoupling capacitor
· IC assembly and testing available
· EPROM and Flash programming available
· Custom lead lengths available
· Custom multi-chip and double-sided modules available
ORDERING OPTIONS
· Adapter only
· Customer supplies chips - Accutek assembles on Accutek
adapters, tests and delivers finished product in antistatic tubes.
· Complete turnkey - Accutek purchases IC’s and passives. Then
assembles, tests and delivers finished product in antistatic tubes.
4 Pin to 14 Pin
DIP Adapters
Accutek
Microcircuit
Corporation
DIP ADAPTER
MODULES
ELIMINATE THE
NEED TO
REDESIGN
MOTHERBOARDS
OR MAY BE USED
FOR
BREADBOARD
PROTOTYPING
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT
2 NEW PASTURE ROAD, SUITE 1
NEWBURYPORT, MA 01950-4054
PHONE:
978-465-6200
FAX:
978-462-3396
E-Mail:
sales@accutekmicro.com
Internet:
www.accutekmicro.com


Similar Part No. - AK08D-LLP4X4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK08D-NSO ETC1-AK08D-NSO Datasheet
155Kb / 5P
   Standard Pitch DIP Adapters
More results

Similar Description - AK08D-LLP4X4

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK10D300-8SON ACCUTEK-AK10D300-8SON_13 Datasheet
537Kb / 4P
   10 Pin to 14 Pin DIP Adapters
AK04D300-SOT ACCUTEK-AK04D300-SOT_13 Datasheet
219Kb / 3P
   4 Pin to 6 Pin ACCUTEK DIP Adapters
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
   64 Pin to 84 Pin DIP Adapters
AK80D900-TSSOP ACCUTEK-AK80D900-TSSOP_13 Datasheet
1Mb / 4P
   80 Pin to 100 Pin DIP Adapters
AK48D600-TSSOP.65 ACCUTEK-AK48D600-TSSOP.65 Datasheet
191Kb / 4P
   48 Pin to 56 Pin DIP Adapters
AK30D400-SSOP ACCUTEK-AK30D400-SSOP_13 Datasheet
1Mb / 6P
   30 Pin to 32 Pin DIP Adapters
AK16D-LLP4X4 ACCUTEK-AK16D-LLP4X4 Datasheet
227Kb / 6P
   16 Pin to 24 Pin DIP Adapters
AK28D-LLP ACCUTEK-AK28D-LLP Datasheet
372Kb / 6P
   28 Pin to 32 Pin DIP Adapters
AK36D600-TSSOP.8 ACCUTEK-AK36D600-TSSOP.8 Datasheet
252Kb / 6P
   36 Pin to 44 Pin DIP Adapters
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com