Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL6448BC20-08F Datasheet(PDF) 2 Page - NEC

Part # NL6448BC20-08F
Description  DOD-PD-0734 (2nd edition)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NL6448BC20-08F Datasheet(HTML) 2 Page - NEC

  NL6448BC20-08F Datasheet HTML 1Page - NEC NL6448BC20-08F Datasheet HTML 2Page - NEC NL6448BC20-08F Datasheet HTML 3Page - NEC NL6448BC20-08F Datasheet HTML 4Page - NEC NL6448BC20-08F Datasheet HTML 5Page - NEC NL6448BC20-08F Datasheet HTML 6Page - NEC NL6448BC20-08F Datasheet HTML 7Page - NEC NL6448BC20-08F Datasheet HTML 8Page - NEC NL6448BC20-08F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
65PWB31
DATA SHEET DOD-PD-0734 (2nd edition)
2
INTRODUCTION
No part of this document shall be copied in any form or by any means without the prior written consent
of NEC LCD Technologies, Ltd. (hereinafter called "NEC").
NEC does not assume any liability for infringement of patents, copyrights or other intellectual property
rights of third parties by or arising from use of a product described herein or any other liability arising
from use of such application. No license, express, implied or otherwise, is granted under any patents,
copyrights or other intellectual property rights of NEC or of others.
While NEC has been making continuous effort to enhance the reliability of its products, the possibility
of failures cannot be eliminated entirely. To minimize risks of damage to property or injury to person
arising from a failure in an NEC product, customers must incorporate sufficient safety measures in their
design, such as redundancy, fire-containment and anti-failure features.
NEC products are classified into the following three quality grades:
"S t a n d ar d" ,
"Special" ,
"Speci fic"
The "Specific" quality grade applies only to applications developed based on a customer designated
"quality assurance program" for a specific application. The recommended applications of a product
depend on its quality grade, as indicated below. Customers must check the quality grade of each
application before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically
designed for life support)
Specific: Military systems, aircraft, aerospace equipment, submersible repeaters, nuclear reactor control
systems, life support systems (medical equipment, etc.) and any other equipment
The quality grade of this product is "Standard" unless otherwise specified in this document. If
customers intend to use this product for applications other than those specified for "Standard" quality
grade, they should contact NEC sales representative in advance.


Similar Part No. - NL6448BC20-08F

ManufacturerPart #DatasheetDescription
logo
NEC
NL6448BC20-08 NEC-NL6448BC20-08 Datasheet
208Kb / 24P
   17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle
More results

Similar Description - NL6448BC20-08F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
   Approved to EN60950-1 2nd Edition
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
NXP Semiconductors
BLP7G22-10 NXP-BLP7G22-10 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
SparkFun Electronics
BOK-11170 SPARKFUN-BOK-11170 Datasheet
114Kb / 2P
   Arduino Cookbook - Second Edition
6??1??7
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
Switchcraft, Inc.
Z15J SWITCH-Z15J Datasheet
9Mb / 101P
   Pro Audio & Broadcast Catalog Sixth Edition
K460 SWITCH-K460 Datasheet
9Mb / 101P
   Pro Audio & Broadcast Catalog Sixth Edition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com