Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G07 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74AUP2G07
Description  Low-power dual buffer with open-drain output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G07 Datasheet(HTML) 2 Page - NXP Semiconductors

  74AUP2G07 Datasheet HTML 1Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 2Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 3Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 4Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 5Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 6Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 7Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 8Page - NXP Semiconductors 74AUP2G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AUP2G07_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 12 June 2007
2 of 16
NXP Semiconductors
74AUP2G07
Low-power dual buffer with open-drain output
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AUP2G07GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74AUP2G07GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AUP2G07GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1 × 0.5 mm
SOT891
Table 2.
Marking
Type number
Marking code
74AUP2G07GW
p7
74AUP2G07GM
p7
74AUP2G07GF
p7
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mnb092
1A
1Y
1
6
2A
2Y
3
4
6
1
1A
1Y
mnb093
4
3
2A
2Y
mna625
A
Y
GND


Similar Part No. - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Diodes Incorporated
74AUP2G07 DIODES-74AUP2G07 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
Diodes Incorporated
74AUP2G07DW-7 DIODES-74AUP2G07DW-7 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74AUP2G07FW3-7 DIODES-74AUP2G07FW3-7 Datasheet
443Kb / 12P
   DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
More results

Similar Description - 74AUP2G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G07 NXP-74AUP2G07 Datasheet
90Kb / 15P
   Low-power dual buffer with open-drain output
Rev. 04-11 June 2009
logo
Nexperia B.V. All right...
74AXP2G07 NEXPERIA-74AXP2G07 Datasheet
830Kb / 17P
   Low-power dual buffer with open-drain output
74AUP2G07 NEXPERIA-74AUP2G07 Datasheet
261Kb / 17P
   Low-power dual buffer with open-drain output
Rev. 10 - 31 January 2022
logo
NXP Semiconductors
74AXP2G07 PHILIPS-74AXP2G07_15 Datasheet
170Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 1-24 September 2014
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com