Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7900AEDN Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI7900AEDN
Description  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI7900AEDN Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7900AEDN
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72287
S-31418—Rev. A, 07-Jun-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
-0.6
-0.4
-0.2
-0.0
0.2
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
0.00
0.01
0.02
0.03
0.04
0.05
0
123
456
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
100
600
ID = 8.5 A
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
0.001
0
1
160
200
80
10
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 115_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.1
Threshold Voltage
TJ - Temperature (_C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VGS - Gate-to-Source Voltage (V)
Time (sec)
40
120
10
0.01
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
Limited by rDS(on)
TC = 25_C
Single Pulse
10 ms
100 ms
dc
10 s
1 s


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn