Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2M Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # RS2M
Description  2.0 AMPS. Surface Mount Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RS2M Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  RS2M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RS2M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=125 C
0
Tj=25 C
0
RATINGS AND CHARACTERISTIC CURVES (RS2A THRU RS2M)
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Version: A06
FIG.2- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1
1
10
100
FIG.5- TYPICAL INSTANTANEOUS
CHARACTERISTICS
FORWARD
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
0.1
0.01
1
10
20
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
10
90
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
550
50
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
140
130
150
160
0.5
1.0
1.5
2.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
0.4 X 0.4" ( 10 X 10mm )
COPPER PAD AREAS
2.25
FIG.3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
40
10
20
30
50
NUMBER OF CYCLES AT 60Hz
TL=100 C
8.3ms Single Half Sine Wave
JEDEC Method
0


Similar Part No. - RS2M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2M SSE-RS2M Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
SUNMATE electronic Co.,...
RS2M SUNMATE-RS2M Datasheet
428Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
RS2M TSC-RS2M Datasheet
570Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
RS2M JUXING-RS2M Datasheet
1Mb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
UN Semiconducctor INC
RS2M UNSEMI-RS2M Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A_10 Datasheet
570Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
FR2A LUGUANG-FR2A Datasheet
239Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
RS2A LUGUANG-RS2A Datasheet
237Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
RS2AA LUGUANG-RS2AA Datasheet
567Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A Datasheet
55Kb / 2P
   2.0 AMPS. Fast Recovery Surface Mount Rectifiers
logo
Gaomi Xinghe Electronic...
RS2A GXELECTRONICS-RS2A Datasheet
745Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BY296 TSC-BY296 Datasheet
67Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201 Datasheet
69Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_1 Datasheet
245Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_10 Datasheet
540Kb / 2P
   2.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com