Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F64G-3BD-MD3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # F64G-3BD-MD3
Description  Olympian Plus General Purpose Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F64G-3BD-MD3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  F64G-3BD-MD3 Datasheet HTML 1Page - List of Unclassifed Manufacturers F64G-3BD-MD3 Datasheet HTML 2Page - List of Unclassifed Manufacturers F64G-3BD-MD3 Datasheet HTML 3Page - List of Unclassifed Manufacturers F64G-3BD-MD3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
† Minimum clearance required to remove bowl.
*
157 mm (6.18
") for G3/4 models
7/97
N/AL.8.240.100.03
F64G
Our policy is one of continuous research and development.
We reserve the right to amend, without notice, the specifications given in this document.
Dimensions mm (inches)
105 (4.13)*
Service Kits
Item
Type
Part Number
Service kit
Seal and gasket
4380-200
5 µm
4338-01
Elements
25 µm
4338-99
40 µm
4338-02
Service Life Indicator
5797-50
Liquid level lens kit
Prismatic
4380-040
Pyrex
4380-041
Replacement drains
Automatic
3000-97
Manual
684-84
Service kit includes port seals, louvre o-ring, bowl o-ring and drain gasket.
143 (5.63)
114 (4.49)
11 (0.43)
14,5 (0.57)
Bracket Mounting
Use 8 mm (5/16
") screws to mount bracket to wall.
Bracket Kit Reference
Item
Part Number
Wall Bracket
74504-50


Similar Part No. - F64G-3BD-MD3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F6406 UTC-F6406 Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406 UTC-F6406 Datasheet
143Kb / 5P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406-S08-R UTC-F6406-S08-R Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406G-S08-R UTC-F6406G-S08-R Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
F6406GL-S08-R UTC-F6406GL-S08-R Datasheet
167Kb / 6P
   2-PHASE DC-FAN MOTOR PRE-DRIVER IC
More results

Similar Description - F64G-3BD-MD3

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
BL64 NORGREN-BL64 Datasheet
856Kb / 4P
   Olympian Plus plug-in system Filter/regulators and lubricators
B82G NORGREN-B82G Datasheet
2Mb / 8P
   General purpose filter/regulator Excelon® Plus Modular System
02/21
T64 NORGREN-T64 Datasheet
297Kb / 2P
   T64 - Olympian Plus plug-in system Shut-off & lockout valves
02/16
logo
List of Unclassifed Man...
FN2060-30-08 ETC2-FN2060-30-08 Datasheet
165Kb / 2P
   General-purpose filter
FN2010B-20-08 ETC2-FN2010B-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
FN2010-10-06 ETC2-FN2010-10-06 Datasheet
593Kb / 5P
   General Purpose EMI Filter
logo
Schaffner International...
FN-351 SCHAFFNER-FN-351 Datasheet
569Kb / 5P
   General Purpose EMC Filter
logo
Qualtek Electronics Cor...
857-03-017 QUALTEK-857-03-017 Datasheet
69Kb / 1P
   EMI FILTER-GENERAL PURPOSE
logo
Faraday Technology
S14020G FARADAY-S14020G Datasheet
78Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
List of Unclassifed Man...
FN2010-20-08 ETC2-FN2010-20-08 Datasheet
248Kb / 5P
   General Purpose EMI Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com