Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIC236M Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # TIC236M
Description  SILICON TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIC236M Datasheet(HTML) 3 Page - Power Innovations Ltd

  TIC236M Datasheet HTML 1Page - Power Innovations Ltd TIC236M Datasheet HTML 2Page - Power Innovations Ltd TIC236M Datasheet HTML 3Page - Power Innovations Ltd TIC236M Datasheet HTML 4Page - Power Innovations Ltd TIC236M Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
DECEMBER 1971 - REVISED JUNE 2000
TIC236 SERIES
SILICON TRIACS
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
HOLDING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100 120
0.1
1
10
100
TC08AD
CASE TEMPERATURE
vs
V
AA = ± 12 V
I
G = 0
Initiating I
TM = 100 mA
V
supply
+
-
LATCHING CURRENT
T
C - Case Temperature - °C
-60
-40
-20
0
20
40
60
80
100 120
1
10
100
1000
TC08AE
CASE TEMPERATURE
vs
V
AA = ± 12 V
V
supply IGTM
+
+
+
-
-
-
-
+


Similar Part No. - TIC236M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC236M COMSET-TIC236M Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236M BOURNS-TIC236M Datasheet
141Kb / 3P
   SILICON TRIACS
TIC236M BOURNS-TIC236M Datasheet
141Kb / 3P
   SILICON TRIACS
More results

Similar Description - TIC236M

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
TIC216A COMSET-TIC216A_12 Datasheet
163Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC246 POINN-TIC246 Datasheet
105Kb / 5P
   SILICON TRIACS
TIC263 POINN-TIC263 Datasheet
103Kb / 5P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC246 BOURNS-TIC246 Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Power Innovations Ltd
TIC201 POINN-TIC201 Datasheet
67Kb / 4P
   SILICON TRIACS
TIC225 POINN-TIC225 Datasheet
150Kb / 6P
   SILICON TRIACS
TICP206 POINN-TICP206 Datasheet
127Kb / 7P
   SILICON TRIACS
logo
Texas Instruments
TIC216 TI-TIC216 Datasheet
104Kb / 3P
[Old version datasheet]   SILICON TRIACS
logo
New Jersey Semi-Conduct...
TIC206 NJSEMI-TIC206 Datasheet
112Kb / 2P
   SILICON TRIACS
logo
Bourns Electronic Solut...
TIC236D BOURNS-TIC236D Datasheet
141Kb / 3P
   SILICON TRIACS
logo
Transys Electronics
TR25 TRSYS-TR25 Datasheet
333Kb / 3P
   SILICON TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com