Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC09-73LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # DC09-73LF
Description  Directional Coupler 0.81-0.96 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

DC09-73LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  DC09-73LF Datasheet HTML 1Page - Skyworks Solutions Inc. DC09-73LF Datasheet HTML 2Page - Skyworks Solutions Inc. DC09-73LF Datasheet HTML 3Page - Skyworks Solutions Inc. DC09-73LF Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATA SHEET • DC09-73, DC09-73LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200228 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • June 8, 2006
3
Characteristic
Value
Input Power(1)
4.0 W CW
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
1. When operating with a 2.0:1 maximum VSWR on all ports.
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
SOT-6
0.074
(1.90 mm) Ref.
0.071 (1.80 mm)
0.052 (1.30 mm)
0.037 (0.95 mm) Ref.
0.122 (3.10 mm)
0.106 (2.70 mm)
0.006
(0.15 mm)
0.000
(0.00 mm)
0.057 (1.45 mm)
0.035 (0.90 mm)
0.020 (0.51 mm)
0.014 (0.350 mm)
0.126 (3.20 mm)
0.087 (2.20 mm)
Pin 6
Pin 1
Pin 1
Indicator
0.022 (0.61 mm)
0.004 (0.10 mm)
0.014
(0.26 mm)
0.004
(0.10 mm)
0.012
(0.30 mm)
Typ.
5.0° ± 1°
5.0° ± 1°
Recommended Board Layout
Material is 10 mil FR4.
0.075
0.015 Typ.
0.020 Dia.
Via 3 Places
0.039 Typ.
0.018 Typ.
0.020
Recommended Solder Reflow Profiles
Refer to the “Recommended Solder Reflow Profile”
Application Note.
Tape and Reel Information
Refer to the “Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation” Application Note.


Similar Part No. - DC09-73LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC09-73 ALPHA-DC09-73 Datasheet
53Kb / 3P
   Directional Coupler 0.81-0.96 GHz
More results

Similar Description - DC09-73LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
DC09-73 ALPHA-DC09-73 Datasheet
53Kb / 3P
   Directional Coupler 0.81-0.96 GHz
DC08-73 ALPHA-DC08-73 Datasheet
59Kb / 3P
   Directional Coupler 0.81-0.96 GHz
PD09-73 ALPHA-PD09-73 Datasheet
53Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD4W09-12 SKYWORKS-PD4W09-12 Datasheet
44Kb / 3P
   Four-Way 0 Power Splitter Combiner 0.81--0.96 GHz
logo
Alpha Industries
PD09-12 ALPHA-PD09-12 Datasheet
45Kb / 3P
   Two-Way 0째 Power Splitter Combiner 0.81-0.96 GHz
logo
Skyworks Solutions Inc.
PD09-73 SKYWORKS-PD09-73 Datasheet
169Kb / 4P
   Two-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
PD4W09-59 SKYWORKS-PD4W09-59 Datasheet
48Kb / 3P
   Four-Way 0 Power Splitter Combiner 0.81-0.96 GHz
PD4W09-59 SKYWORKS-PD4W09-59_06 Datasheet
144Kb / 4P
   Four-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
PD4W09-12 SKYWORKS-PD4W09-12_06 Datasheet
143Kb / 4P
   Four-Way 0째 Power Splitter/Combiner 0.81-0.96 GHz
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com